Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS244AL Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS244AL
Description  MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244AL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS244AL Datasheet HTML 7Page - STMicroelectronics LIS244AL Datasheet HTML 8Page - STMicroelectronics LIS244AL Datasheet HTML 9Page - STMicroelectronics LIS244AL Datasheet HTML 10Page - STMicroelectronics LIS244AL Datasheet HTML 11Page - STMicroelectronics LIS244AL Datasheet HTML 12Page - STMicroelectronics LIS244AL Datasheet HTML 13Page - STMicroelectronics LIS244AL Datasheet HTML 14Page - STMicroelectronics LIS244AL Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LIS244AL
Package information
13/15
Figure 5.
LGA 16: mechanical data & package dimensions
Dimensions
Ref.
mm
inch
Min. Typ. Max. Min.
Typ.
Max.
A1
1
1.60
0.039
0.063
A2
1.33
0.052
A3
0.160
0.20
0.24
0.006
0.008
0.009
D1
3.850
4.0
4.150
0.152
0.157
0.163
E1
3.850
4.0
4.150
0.152
0.157
0.163
L
0.65
0.026
L1
1.95
0.077
N0.98
0.039
N1
1.90
0.075
T1
0.40
0.016
T2
0.30
0.012
P1
1.750
0.069
P2
1.525
0.060
R0.30
0.012
S
0.10
0.004
k0.05
0.0019
LGA 16 (4x4x1.5mm)
Outline and
7974136
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com