Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD73 Datasheet(PDF) 3 Page - ECM Electronics Limited.

Part # CD73
Description  Surface Mount Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

CD73 Datasheet(HTML) 3 Page - ECM Electronics Limited.

  CD73 Datasheet HTML 1Page - ECM Electronics Limited. CD73 Datasheet HTML 2Page - ECM Electronics Limited. CD73 Datasheet HTML 3Page - ECM Electronics Limited. CD73 Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
ECM
Part
L
(
µµH)
Tol
%
RDC
MAX
(
Ω
Ω)
IDC
IN
(A)
CD73 Series
CD73-100
10 @2.52 MHz
M
0.08
1.44
CD73-120
12 @2.52 MHz
M
0.09
1.39
CD73-150
15 @2.52 MHz
M
0.10
1.24
CD73-180
18 @2.52 MHz
M
0.11
1.12
CD73-220
22 @2.52 MHz
M
0.13
1.07
CD73-270
27 @2.52 MHz
M
0.15
0.94
CD73-330
33 @2.52 MHz
M
0.17
0.85
CD73-390
39 @2.52 MHz
M
0.22
0.74
CD73-470
47 @2.52 MHz
M
0.25
0.68
CD73-560
56 @2.52 MHz
K
0.28
0.64
CD73-680
68 @2.52 MHz
K
0.33
0.59
CD73-820
82 @2.52 MHz
K
0.41
0.54
CD73-101
100 @1.0 kHz
K
0.48
0.51
CD73-121
120 @1.0 kHz
K
0.54
0.49
CD73-151
150 @1.0 kHz
K
0.76
0.40
CD73-181
180 @1.0 kHz
K
1.02
0.36
CD73-221
220 @1.0 kHz
K
1.20
0.31
CD73-271
270 @1.0 kHz
K
1.30
0.29
CD73-331
330 @1.0 kHz
K
1.50
0.28
CD75 Series
CD75-100
10 @2.52 MHz
K
0.07
2.30
CD75-120
12 @2.52 MHz
K
0.08
2.00
CD75-150
15 @2.52 MHz
K
0.09
1.80
CD75-180
18 @2.52 MHz
K
0.10
1.60
CD75-220
22 @2.52 MHz
K
0.11
1.50
CD75-270
27 @2.52 MHz
K
0.12
1.30
CD75-330
33 @2.52 MHz
K
0.13
1.20
CD75-390
39 @2.52 MHz
K
0.16
1.10
CD75-470
47 @2.52 MHz
K
0.18
1.06
CD75-560
56 @2.52 MHz
K
0.24
0.94
CD75-680
68 @2.52 MHz
K
0.28
0.85
CD75-820
82 @2.52 MHz
K
0.37
0.78
CD75-101
100 @1.0 kHz
K
0.43
0.72
CD75-121
120 @1.0 kHz
K
0.47
0.66
CD75-151
150 @1.0 kHz
K
0.64
0.58
CD75-181
180 @1.0 kHz
K
0.71
0.51
CD75-221
220 @1.0 kHz
K
0.96
0.49
CD75-271
270 @1.0 kHz
K
1.11
0.42
CD75-331
330 @1.0 kHz
K
1.26
0.40
CD75-391
390 @1.0 kHz
K
1.77
0.36
CD75-471
470 @1.0 kHz
K
1.96
0.34
TOLERANCE; K=10%, M=20%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com