Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD73 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # CD73
Description  Surface Mount Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

CD73 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  CD73 Datasheet HTML 1Page - ECM Electronics Limited. CD73 Datasheet HTML 2Page - ECM Electronics Limited. CD73 Datasheet HTML 3Page - ECM Electronics Limited. CD73 Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
ECM UCR Series
§ Low Cost Design
§ Low 3.2mm Height Option
§ Up to 2.5 Amp
§ Typical Reel Size 1500pcs
CD Series
The CD series comes in six package sizes each of which are an of an open wound radial design. The
whole range offers excellent Isat characteristics for their given size along with excellent shock endurance.
Suitable applications include power supplies for VTR,OA equipment, Notebook PC, LCD display and
DC/DC converters.
COMPONENT OUTLINE
DIMENSIONS
ECM Type
Inductance Range
A
(mm)
B
C
D
E
F
CD43
1.0uH ~ 68uH
4.00
4.50
3.20
1.75
4.50
1.50
CD54
10uH ~ 220uH
5.20
5.80
4.50
2.15
5.50
1.70
CD73
10uH ~ 330uH
7.00
7.80
3.50
3.00
7.50
2.00
CD75
10uH ~ 470uH
7.00
7.80
5.00
3.00
7.50
2.00
CD104
10uH ~ 560uH
9.00
10.00
4.00
3.75
9.50
2.50
CD105
10uH ~ 820uH
9.00
10.00
5.40
3.75
9.50
2.50


Similar Part No. - CD73

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD73 SUMIDA-CD73 Datasheet
170Kb / 4P
CD73
logo
AIT Components Ltd.
CD73 AITCOMPONENTS-CD73 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
CD73-100 AITCOMPONENTS-CD73-100 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
CD73-101 AITCOMPONENTS-CD73-101 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
CD73-120 AITCOMPONENTS-CD73-120 Datasheet
31Kb / 1P
CD73 SMD POWER INDUCTOR
More results

Similar Description - CD73

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com