Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC22 Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # EC22
Description  Epoxy Coated Axial Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

EC22 Datasheet(HTML) 2 Page - ECM Electronics Limited.

  EC22 Datasheet HTML 1Page - ECM Electronics Limited. EC22 Datasheet HTML 2Page - ECM Electronics Limited. EC22 Datasheet HTML 3Page - ECM Electronics Limited. EC22 Datasheet HTML 4Page - ECM Electronics Limited. EC22 Datasheet HTML 5Page - ECM Electronics Limited. EC22 Datasheet HTML 6Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ECM Epoxy Coated Axial Chokes
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
EC22 Series
EC22T-R10
0.10 @25.2 MHz
K,M
40
250
0.12
790
EC22T-R12
0.12 @25.2 MHz
K,M
40
230
0.14
790
EC22T-R15
0.15 @25.2 MHz
K,M
40
210
0.16
790
EC22T-R18
0.18 @25.2 MHz
K,M
40
190
0.18
745
EC22T-R22
0.22 @25.2 MHz
K,M
40
175
0.20
705
EC22T-R27
0.27 @25.2 MHz
K,M
40
160
0.22
670
EC22T-R33
0.33 @25.2 MHz
K,M
40
150
0.24
645
EC22T-R39
0.39 @25.2 MHz
K,M
50
150
0.27
605
EC22T-R47
0.47 @25.2 MHz
K,M
50
150
0.30
575
EC22T-R56
0.56 @25.2 MHz
K,M
50
150
0.34
540
EC22T-R68
0.68 @25.2 MHz
K,M
50
120
0.38
510
EC22T-R82
0.82 @25.2 MHz
K,M
40
120
0.43
480
EC22T-1R0
1.0 @25.2 MHz
J,K
40
120
0.46
465
EC22T-1R2
1.2 @7.96 MHz
J,K
30
100
0.52
435
EC22T-1R5
1.5 @7.96 MHz
J,K
30
80
0.57
415
EC22T-1R8
1.8 @7.96 MHz
J,K
30
66
0.60
405
EC22T-2R2
2.2 @7.96 MHz
J,K
30
60
0.65
390
EC22T-2R7
2.7 @7.96 MHz
J,K
30
54
0.73
370
EC22T-3R3
3.3 @7.96 MHz
J,K
40
36
0.82
345
EC22T-3R9
3.9 @7.96 MHz
J,K
40
32
0.90
330
EC22T-4R7
4.7 @7.96 MHz
J,K
40
30
1.00
315
EC22T-5R6
5.6 @7.96 MHz
J,K
40
38
1.10
300
EC22T-6R8
6.8 @7.96 MHz
J,K
40
27
1.20
285
EC22T-8R2
8.2 @7.96 MHz
J,K
40
26
1.30
275
EC22T-100
10 @7.96 MHz
J,K
40
24
1.40
265
EC22T-120
12 @2.52 MHz
J,K
40
22
1.50
255
EC22T-150
15 @2.52 MHz
J,K
40
19
2.30
245
EC22T-180
18 @2.52 MHz
J,K
50
18
2.40
225
EC22T-220
22 @2.52 MHz
J,K
50
17
2.90
210
EC22T-270
27 @2.52 MHz
J,K
50
15
3.00
200
EC22T-330
33 @2.52 MHz
J,K
50
14
4.80
160
EC22T-390
39 @2.52 MHz
J,K
50
12
5.30
150
EC22T-470
47 @2.52 MHz
J,K
50
11
5.80
145
EC22T-560
56 @2.52 MHz
J,K
50
10
7.40
140
EC22T-680
68 @2.52 MHz
J,K
50
9.5
8.25
130
EC22T-820
82 @2.52 MHz
J,K
50
9
9.50
100
EC22T-101
100 @2.52 MHz
J,K
50
7
14.50
95
EC22T-121
120 @ 0.796 MHz
J,K
50
6.5
16.00
85
EC22T-151
150 @ 0.796 MHz
J,K
30
5.5
18.50
80
EC22T-181
180 @ 0.796 MHz
J,K
30
5.2
20.00
75
EC22T-221
220 @ 0.796 MHz
J,K
30
4.7
22.00
70
TOLERANCES J=5%; K= 10%; M=20%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com