Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC22 Datasheet(PDF) 6 Page - ECM Electronics Limited.

Part # EC22
Description  Epoxy Coated Axial Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

EC22 Datasheet(HTML) 6 Page - ECM Electronics Limited.

  EC22 Datasheet HTML 1Page - ECM Electronics Limited. EC22 Datasheet HTML 2Page - ECM Electronics Limited. EC22 Datasheet HTML 3Page - ECM Electronics Limited. EC22 Datasheet HTML 4Page - ECM Electronics Limited. EC22 Datasheet HTML 5Page - ECM Electronics Limited. EC22 Datasheet HTML 6Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ECM Epoxy Coated Axial Chokes
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
EC46 Series continued…
EC46T-333K
33 @ 79.6 MHz
J,K
30
-
240
75
EC46T-393K
39 @ 79.6 MHz
J,K
30
-
250
60
EC46T-473K
47 @ 79.6 MHz
J,K
30
-
340
60
EC46T-563K
56 @ 79.6 MHz
J,K
30
-
390
55
EC46T-683K
68 @ 79.6 MHz
J,K
30
-
440
40
EC46T-823K
82 @ 79.6 MHz
J,K
30
-
550
30
EC46T-104K
100 @ 79.6 MHz
J,K
30
-
640
18
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com