Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM63T Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # ECM63T
Description  SMD Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECM63T Datasheet(HTML) 2 Page - ECM Electronics Limited.

  ECM63T Datasheet HTML 1Page - ECM Electronics Limited. ECM63T Datasheet HTML 2Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECM 2512 SMD Chip Inductor
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
ECM63T-R22
0.22 @25.2 MHz
M
40
380
0.08
1150
ECM63T-R27
0.27 @25.2 MHz
M
40
360
0.08
1110
ECM63T-R33
0.33 @25.2 MHz
M
40
350
0.08
1110
ECM63T-R39
0.39 @25.2 MHz
M
40
320
0.09
1000
ECM63T-R47
0.47 @25.2 MHz
M
40
300
0.10
1000
ECM63T-R56
0.56 @25.2 MHz
M
40
280
0.11
950
ECM63T-R68
0.68 @25.2 MHz
M
40
250
0.12
900
ECM63T-R82
0.82 @25.2 MHz
M
40
200
0.13
875
ECM63T-1R0
1.0 @25.2 MHz
K
40
180
0.15
815
ECM63T-1R2
1.2 @7.96 MHz
K
40
165
0.18
740
ECM63T-1R5
1.5 @7.96 MHz
K
45
150
0.20
700
ECM63T-1R8
1.8 @7.96 MHz
K
50
125
0.23
655
ECM63T-2R2
2.2 @7.96 MHz
K
50
85
0.25
630
ECM63T-2R7
2.7 @7.96 MHz
K
50
80
0.28
595
ECM63T-3R3
3.3 @7.96 MHz
K
50
75
0.30
575
ECM63T-3R9
3.9 @7.96 MHz
K
45
65
0.32
555
ECM63T-4R7
4.7 @7.96 MHz
K
45
45
0.35
530
ECM63T-5R6
5.6 @7.96 MHz
K
45
36
0.40
500
ECM63T-6R8
6.8 @7.96 MHz
K
40
30
0.45
470
ECM63T-8R2
8.2 @7.96 MHz
K
40
28
0.55
425
ECM63T-100
10 @7.96 MHz
K
40
22
0.72
370
ECM63T-120
12 @2.52 MHz
K
45
20
0.80
350
ECM63T-150
15 @2.52 MHz
K
50
16
0.88
335
ECM63T-180
18 @2.52 MHz
K
50
15
1.00
315
ECM63T-220
22 @2.52 MHz
K
50
13
1.20
285
ECM63T-270
27 @2.52 MHz
K
50
11
1.35
270
ECM63T-330
33 @2.52 MHz
K
50
10
1.50
255
ECM63T-390
39 @2.52 MHz
K
50
9.5
1.70
240
ECM63T-470
47 @2.52 MHz
K
60
8.5
2.30
205
ECM63T-560
56 @2.52 MHz
K
60
7.5
2.60
195
ECM63T-680
68 @2.52 MHz
K
60
6.5
3.20
185
ECM63T-820
82 @2.52 MHz
K
60
6.0
3.50
175
ECM63T-101
100 @2.52 MHz
K
60
5.5
3.80
165
ECM63T-121
120 @ 0.796 MHz
K
60
5.4
3.80
160
ECM63T-151
150 @ 0.796 MHz
K
60
4.75
4.40
150
ECM63T-181
180 @ 0.796 MHz
K
60
4.35
5.00
140
ECM63T-221
220 @ 0.796 MHz
K
60
4.00
5.70
130
ECM63T-271
270 @ 0.796 MHz
K
60
3.70
6.50
120
ECM63T-331
330 @ 0.796 MHz
K
60
3.40
9.50
100
ECM63T-391
390 @ 0.796 MHz
K
60
2.80
10.5
95
ECM63T-471
470 @ 0.796 MHz
K
60
2.55
11.6
90
ECM63T-561
560 @ 0.796 MHz
K
60
2.35
13.0
85
ECM63T-681
680 @ 0.796 MHz
K
60
2.00
18.0
75
ECM63T-821
820 @ 0.796 MHz
K
60
1.50
23.0
65
ECM63T-102
1000 @ 0.796 MHz
K
60
1.20
26.0
60
TOLERANCES ; K= 10%
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com