Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM63T Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECM63T
Description  SMD Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECM63T Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECM63T Datasheet HTML 1Page - ECM Electronics Limited. ECM63T Datasheet HTML 2Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECM 2512 SMD Chip Inductor
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM63T Series
COMPONENT OUTLINE
Standard EIA 2512 package
Wire-wound Construction
High ‘Q’, High SRF
Fully Encapsulated
Up to 1.0mH +/-10%
Typical Reel Size 1500pcs
The ECM63T range of surface mount inductor offers uniquely high self-resonant frequencies and ‘Q’
values. The ferrite chip core is totally enclosed within the LCP body of the component offering
excellent reliability and low EMI radiation. Inductance range 220nH ~ 1mH.
DIMENSIONS (mm)
A
B
C
D
E
F
6.30
3.20
3.20
1.80
2.50
5.00


Similar Part No. - ECM63T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECM6 ETC1-ECM6 Datasheet
123Kb / 1P
M6 x 1.0 METRIC MALE EQUAL CONNECTOR
logo
XP Power Limited
ECM60UD21 XPPOWER-ECM60UD21 Datasheet
175Kb / 4P
AC-DC Power Supplies
ECM60UD21 XPPOWER-ECM60UD21 Datasheet
3Mb / 21P
Full Load Available Convection Cooled
ECM60UD22 XPPOWER-ECM60UD22 Datasheet
175Kb / 4P
AC-DC Power Supplies
ECM60UD22 XPPOWER-ECM60UD22 Datasheet
3Mb / 21P
Full Load Available Convection Cooled
More results

Similar Description - ECM63T

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECM25T ECM-ECM25T Datasheet
64Kb / 3P
SMD Chip Inductor
ECM32T ECM-ECM32T Datasheet
70Kb / 3P
SMD Chip Inductor
ECM45T ECM-ECM45T Datasheet
91Kb / 3P
SMD Chip Inductor
ECM45CT ECM-ECM45CT Datasheet
71Kb / 2P
SMD Chip Inductor
ECM56T ECM-ECM56T Datasheet
131Kb / 3P
SMD Chip Inductor
logo
Allied Components Inter...
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
SMD Shielded Power Chip Inductor
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
logo
Abracon Corporation
AISM-1812H ABRACON-AISM-1812H Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com