Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECVT620 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECVT620
Description  Surface Mount VCTCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECVT620 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECVT620 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Surface Mount VCTCXO
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
§ Very Low Profile
§ Low Current Consumption
§ Excellent Stability
§ 3V Supply
§ Custom Options
Parameter
ECVT600
Frequency Range
10.0 to 22.0MHz
Specify
Temperature
Stability
+/-2.5ppm –30
0 to +75oC
Frequency
Tolerance @25
0C
+/-0.5ppm
+/-2.0ppm
620/630
640/650
Stability vs Supply
+/-0.3ppm
Stability vs Load
+/-0.3ppm
Supply Voltage
+5V +/-5%
+3V +/-5%
Specify
Supply Current
2.0mA
Output Level
1V p-p (min) Vcc +5V <16.0MHz
0.8V p-p (min) Vcc +5V
≥ 16.0MHz
0.7V p-p (min) Vcc +3V
Output Waveform
Clipped Sine
Output Load
10K
Ω//10pF
Frequency
Adjustment
+/-3ppm min internal trimmer
620/630
Pulling
+/-5ppm to +/-10ppm
+/-8ppm to +/-14ppm
620/630
640/650
Aging
+/-1ppm / yr
Operating Temp
-30
0C to +750C
Storage Temp
-30
0C to +850C
Environmental & Mechanical
Hunidity
+40
0C +/-20C
90% RH for 200Hours
Thermal Shock
+85
0C for 30 mins
-30
0C for 30 mins
Vibration
10 - 55Hz 2mm amplitude
2 hours XYZ axis
Soldering
Condition
235 +/-5
0c
2 Seconds +/-0.5 S
ECVT600 Series
Type
A
B
C
D
E
F
All
11.4
9.6
2.0
7.62
1.30
1.0
Dimensions inmm
Pin
1
2
3
4
5
6
ECVT620
ECVT640
GND
GND
O/P
GND
Vcont
+Vcc
Pin
1
2
3
4
ECVT630
ECVT650
Vcont
GND
O/P
+Vcc
Part Numbering ECVT620
Z
19.44 W
I
Type
620 & = 6 Pad 630 & = 4 Pad
640
650
Output
Z= Clipped Sine
Frequency
Supply Voltage
W = 3V X = 5V
Trimmer
I = Internal
620 & 630 Only


Similar Part No. - ECVT620

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECVT-560 ECM-ECVT-560 Datasheet
67Kb / 1P
Surface Mount VCTCXO
ECVT400 ECM-ECVT400 Datasheet
120Kb / 1P
Surface Mount VCTCXO
ECVT400Z19.44WI ECM-ECVT400Z19.44WI Datasheet
120Kb / 1P
Surface Mount VCTCXO
ECVT45230 ECM-ECVT45230 Datasheet
114Kb / 1P
Surface Mount VC-TCXO
ECVT45230Z19.20M ECM-ECVT45230Z19.20M Datasheet
114Kb / 1P
Surface Mount VC-TCXO
More results

Similar Description - ECVT620

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECVT400 ECM-ECVT400 Datasheet
120Kb / 1P
Surface Mount VCTCXO
ECVT496 ECM-ECVT496 Datasheet
94Kb / 1P
Surface Mount VCTCXO
ECVT-560 ECM-ECVT-560 Datasheet
67Kb / 1P
Surface Mount VCTCXO
ECVT8120 ECM-ECVT8120 Datasheet
137Kb / 1P
Surface Mount VCTCXO
logo
Fox Electronics
FOX923 FOX-FOX923 Datasheet
75Kb / 1P
3.0V Surface Mount TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TVHB546 CONNOR-WINFIELD-TVHB546 Datasheet
189Kb / 2P
SURFACE MOUNT 5.0V HCMOS VCTCXO
TVLB546 CONNOR-WINFIELD-TVLB546 Datasheet
186Kb / 2P
SURFACE MOUNT 3.3V HCMOS VCTCXO
TVLD546 CONNOR-WINFIELD-TVLD546 Datasheet
94Kb / 2P
SURFACE MOUNT 3.3V LVCMOS VCTCXO
TVLD646 CONNOR-WINFIELD-TVLD646 Datasheet
186Kb / 2P
SURFACE MOUNT 3.3V HCMOS VCTCXO
TVLD746 CONNOR-WINFIELD-TVLD746 Datasheet
185Kb / 2P
SURFACE MOUNT 3.3V HCMOS VCTCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com