Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC494 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # HC494
Description  Standard Surface Mount Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

HC494 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  HC494 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Standard Surface Mount Crystal
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
HC494/SMX
Dimensions in mm
Parameter
HC494/SMX
Frequency Range
3.200MHz to 50.000MHz
50.001MHz to 75.000MHz
Fund
3
rd O/T
Calibration Tolerance
@25
0C
+/-50ppm standard
other options available
Specify
Temperature
Tolerance
+/-50ppm standard
other options available
Specify
Operating
Temperature
-10
0C to +600C
other options including
-40
0C to +850C available
Specify
Storage Temp
-55
0C to +1250C
Load Capacitance
10pf to
∞ or Series
Specify
ESR
40
Ω to 200Ω
Frequency Dependant
Shunt Capacitance
7.0pf max
Drive Level
1.0mW max
Ageing
+/-3ppm First Year
§ Low Profile
§ Fast Delivery
§ Tape & Reel or Bulk Packaging
§ Highly Competitive Prices for Volume Users
§ 3.2000MHz to 75.00MHz
§ Fast Delivery
§ Custom Options Available
Standard Frequencies in MHz.
3.579545
8.192
18.432
3.6864
9.8304
19.6608
4.00
10.00
20.00
4.032
10.752
22.1184
4.096
11.0592
24.00014
4.194304
12.00
24.576
4.433619
12.288
28.224
4.9152
14.31818
29.4912
6.00
14.7456
32.00
6.144
15.36
32.768
7.3728
16.00
35.2512
7.68
16.384
40.32
8.00
16.9344
56.448
A
B
C
D
E
12.80
5.00
4.40
3.80
1.00
Environmental & Mechanical
Temperature
Cycle
MIL-STD-883C
Method 1010.7
Shock
MIL-STD-883C
Method 2002
Vibration
MIL-STD-883C
Method 2007.2
Humidity
JIS C 5021-22
Gross Leak
Test
MIL-STD-883C
Method 1014.9 Condition A
Marking
Frequency


Similar Part No. - HC494

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC494 ETC-HC494 Datasheet
75Kb / 1P
ECM Standard Low Profile Crystal
HC494H ETC-HC494H Datasheet
39Kb / 3P
HC49/4H Crystals
logo
Golledge Electronics Lt...
HC494H GOLLEDGE-HC494H Datasheet
59Kb / 1P
Low Profile Crystal
More results

Similar Description - HC494

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
ECM Electronics Limited...
CM309S ECM-CM309S Datasheet
69Kb / 1P
Surface Mount Crystal
ECX6034 ECM-ECX6034 Datasheet
71Kb / 1P
Surface Mount Crystal
logo
Vishay Siliconix
XT36C VISHAY-XT36C Datasheet
104Kb / 3P
Surface Mount Crystal
18-Oct-07
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com