Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP292GS Datasheet(PDF) 13 Page - Analog Devices

Part # OP292GS
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GS Datasheet(HTML) 13 Page - Analog Devices

Back Button OP292GS Datasheet HTML 9Page - Analog Devices OP292GS Datasheet HTML 10Page - Analog Devices OP292GS Datasheet HTML 11Page - Analog Devices OP292GS Datasheet HTML 12Page - Analog Devices OP292GS Datasheet HTML 13Page - Analog Devices OP292GS Datasheet HTML 14Page - Analog Devices OP292GS Datasheet HTML 15Page - Analog Devices OP292GS Datasheet HTML 16Page - Analog Devices OP292GS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
OP292/OP492
APPLICATIONS INFORMATION
PHASE REVERSAL
The OP492 has built-in protection against phase reversal when
the input voltage goes to either supply rail. In fact, it is safe for
the input to exceed either supply rail by up to 0.6 V with no risk
of phase reversal. However, the input should not go beyond the
positive supply rail by more than 0.9 V; otherwise, the output
will reverse phase. If this condition occurs, the problem can be
fixed by adding a 5 kΩ current limiting resistor in series with
the input pin. With this addition, the input can go to more than
5 V beyond the positive rail without phase reversal.
An input voltage that is as much as 5 V below the negative rail
will not result in phase reversal.
OP492
2kΩ
5V
0V
11.8V p-p
1V
90
100
10
5µs
0%
Figure 34. Output Phase Reverse If Input Exceeds
the Positive Supply (V+) by More Than 0.9 V
2kΩ
5V
0V
10V p-p
1V/DIV
OP492
4ms/DIV
Figure 35. No Negative Rail Phase Reversal, Even with Input Signal
at 5 V Below Ground
POWER SUPPLY CONSIDERATIONS
The OP292/OP492 are designed to operate equally well at single
+5 V or ±15 V supplies. The lowest supply voltage recommended
is 4.5 V.
It is a good design practice to bypass the supply pins with a
0.1 µF ceramic capacitor. It helps improve filtering of high
frequency noise.
For dual-supply operation, the negative supply (V−) must be
applied at the same time, or before V+. If V+ is applied before V−,
or in the case of a loss of the V− supply, while either input is
connected to ground or another low impedance source, excessive
input current may result. Potentially damaging levels of input
current can destroy the amplifier. If this condition can exist,
simply add a l kΩ or larger resistor in series with the input to
eliminate the problem.
Rev. D | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com