Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP292GS Datasheet(PDF) 3 Page - Analog Devices

Part # OP292GS
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GS Datasheet(HTML) 3 Page - Analog Devices

  OP292GS Datasheet HTML 1Page - Analog Devices OP292GS Datasheet HTML 2Page - Analog Devices OP292GS Datasheet HTML 3Page - Analog Devices OP292GS Datasheet HTML 4Page - Analog Devices OP292GS Datasheet HTML 5Page - Analog Devices OP292GS Datasheet HTML 6Page - Analog Devices OP292GS Datasheet HTML 7Page - Analog Devices OP292GS Datasheet HTML 8Page - Analog Devices OP292GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
OP292/OP492
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 5 V, VCM = 0 V, VO = 2 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
OP292
VOS
0.1
0.8
mV
−40°C ≤ TA ≤ +85°C
0.3
1.2
mV
−40°C ≤ TA ≤ +125°C
0.5
2.5
mV
OP492
VOS
0.1
1
mV
−40°C ≤ TA ≤ +85°C
0.3
1.5
mV
−40°C ≤ TA ≤ +125°C
0.5
2.5
mV
Input Bias Current
IB
450
700
nA
−40°C ≤ TA ≤ +85°C
0.75
2.5
µA
−40°C ≤ TA ≤ +125°C
3.0
5.0
µA
Input Offset Current
IOS
7
50
nA
−40°C ≤ TA ≤ +85°C
100
700
nA
−40°C ≤ TA ≤ +125°C
0.4
1.2
µA
Input Voltage Range
0
4.0
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 4.0 V
75
95
dB
−40°C ≤ TA ≤ +85°C
70
93
dB
−40°C ≤ TA ≤ +125°C
65
90
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.1 V to 4 V
25
200
V/mV
−40°C ≤ TA ≤ +85°C
10
100
V/mV
−40°C ≤ TA ≤ +125°C
5
50
V/mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
2
10
µV/°C
Long-Term VOS Drift1
ΔVOS/ΔT
1
µV/Month
Bias Current Drift
ΔIB/ΔT
−40°C ≤ TA ≤ +85°C
6
pA/°C
−40°C ≤ TA ≤ +125°C
400
pA/°C
Offset Current Drift
ΔIOS/ΔT
−40°C ≤ TA ≤ +85°C
1.5
pA/°C
−40°C ≤ TA ≤ +125°C
2
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
High
VOUT
RL = 100 kΩ to GND
−40°C ≤ TA ≤ +125°C
4.0
4.3
V
RL = 2 kΩ to GND
3.8
4.1
V
−40°C ≤ TA ≤ +125°C
3.7
3.9
V
Low
VOUT
RL = 100 kΩ to V+
8
20
mV
−40°C ≤ TA ≤ +125°C
12
20
mV
RL = 2 kΩ to V+
280
450
mV
−40°C ≤ TA ≤ +125°C
300
550
mV
Short-Circuit Current Limit
ISC
5
8
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 4.5 V to 30 V, VO = 2 V
75
95
dB
−40°C ≤ TA ≤ +125°C
70
90
dB
Supply Current Per Amp
ISY
VO = 2 V
0.8
1.2
mA
Rev. D | Page 3 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com