Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8656ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8656ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8656ARMZ Datasheet HTML 1Page - Analog Devices AD8656ARMZ Datasheet HTML 2Page - Analog Devices AD8656ARMZ Datasheet HTML 3Page - Analog Devices AD8656ARMZ Datasheet HTML 4Page - Analog Devices AD8656ARMZ Datasheet HTML 5Page - Analog Devices AD8656ARMZ Datasheet HTML 6Page - Analog Devices AD8656ARMZ Datasheet HTML 7Page - Analog Devices AD8656ARMZ Datasheet HTML 8Page - Analog Devices AD8656ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8655/AD8656
Rev. E | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VSS − 0.3 V to VDD + 0.3 V
Differential Input Voltage
±6 V
Output Short-Circuit Duration
to GND
Indefinite
Electrostatic Discharge (HBM)
3.0 kV
Storage Temperature Range
R, RM Packages
−65°C to +150°C
Junction Temperature Range
R, RM Packages
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4.
Package Type
θJA1
θJC
Unit
8-Lead MSOP (RM)
210
45
°C/W
8-Lead SOIC (R)
158
43
°C/W
1
θJA is specified for worst-case conditions; that is, θJA is specified for a device
soldered in the circuit board for surface-mount packages.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com