Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8656ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8656ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8656ARMZ Datasheet HTML 10Page - Analog Devices AD8656ARMZ Datasheet HTML 11Page - Analog Devices AD8656ARMZ Datasheet HTML 12Page - Analog Devices AD8656ARMZ Datasheet HTML 13Page - Analog Devices AD8656ARMZ Datasheet HTML 14Page - Analog Devices AD8656ARMZ Datasheet HTML 15Page - Analog Devices AD8656ARMZ Datasheet HTML 16Page - Analog Devices AD8656ARMZ Datasheet HTML 17Page - Analog Devices AD8656ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8655/AD8656
Data Sheet
Rev. E | Page 14 of 20
Figure 51. Maximum Output Swing vs. Frequency
Figure 52. Output Impedance vs. Frequency
Figure 53. Channel Separation vs. Frequency
3.0
2.5
2.0
1.5
1.0
0.5
0
10k
100k
1M
FREQUENCY (Hz)
10M
VS = 1.35V
VIN = 2.7V
G = +1
NO LOAD
1000
100
10
1
0.1
FREQUENCY (Hz)
100
1k
10k
100k
1M
100M
10M
VS = ±1.35V
G = +1
G = +100
G = +10
–40
–60
–140
10
100
1k
FREQUENCY (Hz)
10k
0
–20
100k
1M
10M
100M
–80
–100
–120
VS = ±2.5V
VIN = 50mV
V+
V–
+2.5V
–2.5V
+
–
VIN
50mV p-p
A
R2
100
Ω
R1
10k
Ω
V–
V+
VOUT
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com