Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135SZ Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2135SZ
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135SZ Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2135SZ Datasheet HTML 4Page - Analog Devices SSM2135SZ Datasheet HTML 5Page - Analog Devices SSM2135SZ Datasheet HTML 6Page - Analog Devices SSM2135SZ Datasheet HTML 7Page - Analog Devices SSM2135SZ Datasheet HTML 8Page - Analog Devices SSM2135SZ Datasheet HTML 9Page - Analog Devices SSM2135SZ Datasheet HTML 10Page - Analog Devices SSM2135SZ Datasheet HTML 11Page - Analog Devices SSM2135SZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SSM2135
Rev. G | Page 8 of 16
50
45
40
35
25
30
20
15
10
5
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
AV = +100
AV = +10
AV = +1
Figure 21. Output Impedance vs. Frequency
5
4
3
2
1
0
1
10
100
1k
10k
100k
LOAD RESISTANCE (Ω)
VS = 5V
TA = 25°C
AV = +1
f = 1kHz
THD + N = 1%
Figure 22. Maximum Output Voltage vs. Load Resistance
6
5
4
3
2
1
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 5V
RL = 2kΩ
TA = 25°C
AV = +1
Figure 23. Maximum Output Swing vs. Frequency
40
35
30
25
20
15
10
5
0
04
35
30
25
20
15
10
5
SUPPLY VOLTAGE (V)
0
VS = 5V
AV = +1
RL = 10kΩ
f = 1kHz
THD + N = 1%
TA = 25°C
Figure 24. Output Voltage vs. Supply Voltage
5.0
3.0
3.5
4.0
4.5
2.0
0
0.5
1.0
1.5
–75
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
VS = 5V
+SWING
RL = 2kΩ
+SWING
RL = 600Ω
–SWING
RL = 2kΩ
–SWING
RL = 600Ω
Figure 25. Output Swing vs. Temperature and Load
2.0
0
0.5
1.0
1.5
–75
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
VS = 5V
0.5V ≤ VOUT ≤4V
+SLEW RATE
–SLEW RATE
Figure 26. Slew Rate vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com