Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135SZ Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2135SZ
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135SZ Datasheet(HTML) 1 Page - Analog Devices

  SSM2135SZ Datasheet HTML 1Page - Analog Devices SSM2135SZ Datasheet HTML 2Page - Analog Devices SSM2135SZ Datasheet HTML 3Page - Analog Devices SSM2135SZ Datasheet HTML 4Page - Analog Devices SSM2135SZ Datasheet HTML 5Page - Analog Devices SSM2135SZ Datasheet HTML 6Page - Analog Devices SSM2135SZ Datasheet HTML 7Page - Analog Devices SSM2135SZ Datasheet HTML 8Page - Analog Devices SSM2135SZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Single-Supply
Audio Operational Amplifier
SSM2135
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Excellent sonic characteristics
High output drive capability
5.2 nV/√Hz equivalent input noise @ 1 kHz
0.003% THD + N (VOUT = 1 V p-p @ 1 kHz)
3.5 MHz gain bandwidth
Unity-gain stable
Low cost
APPLICATIONS
Multimedia audio systems
Microphone preamplifiers
Headphone drivers
Differential line receivers
Balanced line drivers
Audio ADC input buffers
Audio DAC l-V converters and filters
Pseudoground generators
PIN CONNECTIONS
OUT A 1
–IN A
2
+IN A
3
V–/GND
4
V+
8
OUT B
7
–IN B
6
+IN B
5
SSM2135
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead Narrow Body SOIC (R Suffix)
GENERAL DESCRIPTION
The SSM2135 dual audio operational amplifier permits excel-
lent performance in portable or low power audio systems, with
an operating supply range of 4 V to 36 V or ±2 V to ±18 V.
The unity-gain stable device has very low voltage noise of
5.2 nV/√Hz, and total harmonic distortion plus noise below
0.01% over normal signal levels and loads. Such characteristics
are enhanced by wide output swing and load drive capability.
A unique output stage permits output swing approaching the
rail under moderate load conditions. Under severe loading,
the SSM2135 still maintains a wide output swing with ultralow
distortion. Particularly well suited for computer audio systems
and portable digital audio units, the SSM2135 can perform
preamplification, headphone and speaker driving, and balanced
line driving and receiving. Additionally, the device is ideal for
input signal conditioning in single-supply, Σ-Δ, analog-to-
digital converter subsystems such as the AD1877. The SSM2135
makes an ideal single-supply stereo output amplifier for audio
digital-to-analog converters (DACs) because of its low noise
and distortion.
The SSM2135 is available in an 8-lead plastic SOIC package
and is guaranteed for operation over the extended industrial
temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
+INx
9V
–INx
9V
V+
V–/GND
OUTx
Figure 2.


Similar Part No. - SSM2135SZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
More results

Similar Description - SSM2135SZ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
logo
Analog Devices
SSM2135 AD-SSM2135 Datasheet
299Kb / 12P
Dual Single-Supply Audio Operational Amplifier
REV.D
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135 AD-SSM2135_03 Datasheet
468Kb / 16P
Dual Single-Supply Audio Operational Amplifier
REV. E
logo
Unisonic Technologies
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
SSM2135 AD-SSM2135_15 Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
logo
Bookly Micro electronic
BM3414 BOOKLY-BM3414 Datasheet
229Kb / 5P
Single-Supply Dual High Current Operational/Audio Amplifier
logo
New Japan Radio
NJM2904C NJRC-NJM2904C Datasheet
781Kb / 10P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com