Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1501T-R39 Datasheet(PDF) 3 Page - ECM Electronics Limited.

Part # MF1501T-R39
Description  Axial Molded Choke
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

MF1501T-R39 Datasheet(HTML) 3 Page - ECM Electronics Limited.

  MF1501T-R39 Datasheet HTML 1Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 2Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 3Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 4Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 5Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 6Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 7Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 8Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ECM Axial Molded Choke
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
MF1303 Series Continued…
MF1303T-271
270 @ 0.796 MHz
J,K
30
8
25.0
47
MF1303T-331
330 @ 0.796 MHz
J,K
30
7
28.0
45
MF1303T-391
390 @ 0.796 MHz
J,K
30
6.5
35.0
40
MF1303T-471
470 @ 0.796 MHz
J,K
30
6
42.0
36
MF1303T-561
560 @ 0.796 MHz
J,K
30
5
46.0
35
MF1303T-681
680 @ 0.796 MHz
J,K
30
4.2
60.0
30
MF1303T-821
820 @ 0.796 MHz
J,K
30
3.8
65.0
29
MF1303T-102
1000 @ 0.796 MHz
J,K
30
3.4
72.0
28
MF1304 Series
MF1304T-R15
0.15 @25.2 MHz
J
50
525
0.03
2740
MF1304T-R18
0.18 @25.2 MHz
J
50
480
0.04
2580
MF1304T-R22
0.22 @25.2 MHz
J
50
450
0.05
2020
MF1304T-R27
0.27 @25.2 MHz
J
45
400
0.07
1740
MF1304T-R33
0.33 @25.2 MHz
J
45
360
0.09
1580
MF1304T-R39
0.39 @25.2 MHz
J
45
330
0.11
1450
MF1304T-R47
0.47 @25.2 MHz
J
45
310
0.12
1370
MF1304T-R56
0.56 @25.2 MHz
J
50
280
0.13
1390
MF1304T-R68
0.68 @25.2 MHz
J
50
250
0.15
1220
MF1304T-R82
0.82 @25.2 MHz
J
50
220
0.22
1020
MF1304T-1R0
1.0 @25.2 MHz
J
50
200
0.29
880
MF1304T-1R2
1.2 @7.96 MHz
J
33
180
0.42
730
MF1304T-1R5
1.5 @7.96 MHz
J
33
160
0.50
670
MF1304T-1R8
1.8 @7.96 MHz
J
33
150
0.65
590
MF1304T-2R2
2.2 @7.96 MHz
J
33
135
0.95
485
MF1304T-2R7
2.7 @7.96 MHz
J
33
120
1.20
430
MF1304T-3R3
3.3 @7.96 MHz
J
33
110
2.00
335
MF1304T-3R9
3.9 @7.96 MHz
J
33
100
2.30
310
MF1304T-4R7
4.7 @7.96 MHz
J
33
90
2.60
294
MF1304T-5R6
5.6 @7.96 MHz
J
45
60
0.32
565
MF1304T-6R8
6.8 @7.96 MHz
J
50
55
0.50
450
MF1304T-8R2
8.2 @7.96 MHz
J
50
50
0.60
410
MF1304T-100
10 @7.96 MHz
J
55
45
0.90
335
MF1304T-120
12 @2.52 MHz
J
65
42
1.10
305
MF1304T-150
15 @2.52 MHz
J
65
40
1.40
271
MF1304T-180
18 @2.52 MHz
J
75
34
2.25
213
MF1304T-220
22 @2.52 MHz
J
75
30
2.50
202
MF1304T-270
27 @2.52 MHz
J
60
25
2.60
198
MF1304T-330
33 @2.52 MHz
J
65
19
3.00
185
MF1304T-390
39 @2.52 MHz
J
60
14
2.60
198
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com