Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1501T-R39 Datasheet(PDF) 5 Page - ECM Electronics Limited.

Part # MF1501T-R39
Description  Axial Molded Choke
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

MF1501T-R39 Datasheet(HTML) 5 Page - ECM Electronics Limited.

  MF1501T-R39 Datasheet HTML 1Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 2Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 3Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 4Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 5Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 6Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 7Page - ECM Electronics Limited. MF1501T-R39 Datasheet HTML 8Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ECM Axial Molded Choke
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
MF1501 Series continued…
MF1501T-5R6
5.6 @7.96 MHz
J
45
65
0.72
335
MF1501T-6R8
6.8 @7.96 MHz
J
50
55
1.02
280
MF1501T-8R2
8.2 @7.96 MHz
J
50
50
1.32
250
MF1501T-100
10 @7.96 MHz
J
50
46
1.62
220
MF1501T-120
12 @2.52 MHz
J
55
44
2.00
200
MF1501T-150
15 @2.52 MHz
J
45
49
0.80
315
MF1501T-180
18 @2.52 MHz
J
45
45
0.89
300
MF1501T-220
22 @2.52 MHz
J
45
41
0.96
290
MF1501T-270
27 @2.52 MHz
J
45
38
1.19
260
MF1501T-330
33 @2.52 MHz
J
45
34
1.37
240
MF1501T-390
39 @2.52 MHz
J
50
29
1.93
205
MF1501T-470
47 @2.52 MHz
J
50
27
2.11
195
MF1501T-560
56 @2.52 MHz
J
50
25
2.23
190
MF1501T-680
68 @2.52 MHz
J
50
21
2.70
170
MF1501T-820
82 @2.52 MHz
J
50
10.5
2.44
180
MF1501T-101
100 @2.52 MHz
J
50
10
3.12
160
MF1501T-121
120 @ 0.796 MHz
J
55
9.7
3.60
150
MF1501T-151
150 @ 0.796 MHz
J
55
8.5
4.10
140
MF1501T-181
180 @ 0.796 MHz
J
55
8
4.40
135
MF1501T-221
220 @ 0.796 MHz
J
55
7.5
5.00
125
MF1501T-271
270 @ 0.796 MHz
J
55
7
5.80
115
MF1501T-331
330 @ 0.796 MHz
J
55
6.5
6.40
110
MF1501T-391
390 @ 0.796 MHz
J
60
6.2
7.40
105
MF1501T-471
470 @ 0.796 MHz
J
60
5.7
9.50
92
MF1501T-561
560 @ 0.796 MHz
J
60
4.7
10.50
90
MF1501T-681
680 @ 0.796 MHz
J
60
4.5
11.8
80
MF1501T-821
820 @ 0.796 MHz
J
60
4.2
13.0
80
MF1501T-102
1000 @ 0.796 MHz
J
60
3.8
17.5
70
MF1501T-122
1200 @ 0.252 MHz
J
45
1.5
22.1
60
MF1501T-152
1500 @ 0.252 MHz
J
45
1.2
26.5
55
MF1501T-182
1800 @ 0.252 MHz
J
45
1.0
29.9
50
MF1501T-222
2200 @ 0.252 MHz
J
45
0.97
33.8
50
MF1501T-272
2700 @ 0.252 MHz
J
45
0.92
47.3
40
MF1501T-332
3300 @ 0.252 MHz
J
45
0.84
53.0
40
MF1501T-392
3900 @ 0.252 MHz
J
45
0.80
73.8
35
MF1501T-472
4700 @ 0.252 MHz
J
45
0.74
81.6
31
MF1501T-562
5600 @ 0.252 MHz
J
45
0.73
98.9
28
MF1501T-682
6800 @ 0.252 MHz
J
40
0.66
111
27
MF1501T-882
8200 @ 0.252 MHz
J
40
0.54
119
26
MF1501T-103
10000 @ 0.252 MHz
J
40
0.47
137
24
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com