Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIT-300-1/2 Datasheet(PDF) 2 Page - Alpha Wire

Part # FIT-300-1/2
Description  RoHS-Compliant Commencing With 6/1/2004 Production
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-300-1/2 Datasheet(HTML) 2 Page - Alpha Wire

  FIT-300-1/2 Datasheet HTML 1Page - Alpha Wire FIT-300-1/2 Datasheet HTML 2Page - Alpha Wire FIT-300-1/2 Datasheet HTML 3Page - Alpha Wire FIT-300-1/2 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical & Mechanical Properties
1) Temperature Range
-55 to 125°C
 
2) Shrink Ratio
Approximately 2.5:1
 
3) Full Recovery Temperature
135°C
 
4) Minimum Shrink Temperature
140°C
 
5) Tensile Strength
1500psi, Min
ASTM D638
6) Elongation
200%, Min
ASTM D638
7) Cold Impact(-55°C)
no cracking
ASTM D746
8) Heat Shock(250°C,4hrs)
no cracking
AMS-DTL-23053
9) Secant Modulus
2.5x10 4 psi, Min
ASTM D882
10) Longitudinal Change
+1%/-10%
AMS-DTL-23053
11) Specific Gravity
0.99, Max
ASTM D792
12) Shelf Life
3 Years @ 18 to 35°C
 
Electrical Properties
1) Dielectric Strength
500 V/mil, Min
ASTM D876
2) Volume Resistivity
1x10 16 ohm-cm, Min
ASTM D876
Chemical Properties
1) Water Absorption
0.50%, Max
ASTM D570
2) Corrosion(0°C,16hrs)
no corrosion
AMS-DTL-23053
3) Fluid Resistance(23°C,24 Hrs)
1000 PSI, Min
AMS-DTL-23053
4) Fungus Resistance
Pass
AMS-DTL-23053
5) Vacuum Outgassing - CVCM
0.15%, Max
ASTM E595
6) Vacuum Outgassing - TML
0.94%, Max
ASTM E595
7) Halogen Free
Yes
 
8) Lead Free
Yes
 
Other
Packaging
5X4 FT, 6X6 IN
www.alphawire.com
Alpha Wire
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and
specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and
specifications does not ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express,
statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary) whatsoever, even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence
or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com