Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIT-300-1/2 Datasheet(PDF) 1 Page - Alpha Wire

Part # FIT-300-1/2
Description  RoHS-Compliant Commencing With 6/1/2004 Production
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-300-1/2 Datasheet(HTML) 1 Page - Alpha Wire

  FIT-300-1/2 Datasheet HTML 1Page - Alpha Wire FIT-300-1/2 Datasheet HTML 2Page - Alpha Wire FIT-300-1/2 Datasheet HTML 3Page - Alpha Wire FIT-300-1/2 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. FIT-300-1/2
Construction
1) Tubing Type
Dual Wall Heat Shrinkable Tubing
2) Tubing Material
Dual Wall Semi-Rigid XLPO
3) Minimum Supplied ID(In)
0.500
4) Maximum Recovered ID (In)
0.195
5) Nominal Recovered Wall Thickness(In)
0.055
6) Nominal Recovered Melt Wall (In)
0.035
7) Color(s)
BLACK, WHITE, RED, YELLOW, BLUE, SLATE, BROWN
Applicable Specifications
1) UL
Standard 224 (Except Clear)
125°C / 600 VRMS
2) Other
AMS-DTL-23053/4, Class 1
 
Environmental
1) EU Directive 2011/65/EU(RoHS2):
 
All materials used in the manufacture of this part are in compliance with European Directive
2011/65/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
 
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
Properties


Similar Part No. - FIT-300-1/2

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-300-1/4 ALPHAWIRE-FIT-300-1/4 Datasheet
393Kb / 4P
RoHS-Compliant Commencing With 6/1/2004 Production
FIT-300-1/8 ALPHAWIRE-FIT-300-1/8 Datasheet
393Kb / 4P
RoHS-Compliant Commencing With 6/1/2004 Production
More results

Similar Description - FIT-300-1/2

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745Z AVAGO-AFCT-5745Z Datasheet
542Kb / 18P
RoHS-6 Compliant
logo
Finisar Corporation.
FTLX0011D4BNL FINISAR-FTLX0011D4BNL Datasheet
195Kb / 9P
RoHS-6 Compliant Laserwire??XFP Adapter
FTLX0071D4BNL FINISAR-FTLX0071D4BNL Datasheet
191Kb / 9P
RoHS-6 Compliant Laserwire??SFP Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com