Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1 Datasheet(PDF) 2 Page - Alpha Wire

Part # SW1
Description  RoHS-Compliant Commencing With 10/1/2004 Production
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SW1 Datasheet(HTML) 2 Page - Alpha Wire

  SW1 Datasheet HTML 1Page - Alpha Wire SW1 Datasheet HTML 2Page - Alpha Wire SW1 Datasheet HTML 3Page - Alpha Wire SW1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) EU Directive 2011/65/EU:
All materials used in the manufacture of this part meet the requirements of European Directive 2011/65/EU
substances in electrical and electronic equipment. No Exemptions are required for RoHS Compliance
C.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on the European Union's
For up-to-date information, please see Alpha's REACH SVHC Declaration.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of California
Properties
Physical & Mechanical Properties
1) Temperature Rating
-60C to +88C
2) Tensile Strength
1800 PSI, Min
Electrical Properties
1) Abrasion Resistance
22 mg Loss per M Cycles
Chemical Properties
1) Water Absorption
0.014%
2) Effects of Organic Solvents
No appreciable effect below 50C
3) Effects of Alkalies
None
4) Effects of Acids
None
5) Hologen Free
Yes
6) Lead Free
Yes
7) Flammability
Not Flame Rated
Other
Packaging
a) 500 FT
b) 100 FT
c) 25 FT
Packages may contain a Maximum of 3 lengths, 10 ft Minimum Length



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com