Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1 Datasheet(PDF) 1 Page - Alpha Wire

Part # SW1
Description  RoHS-Compliant Commencing With 10/1/2004 Production
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SW1 Datasheet(HTML) 1 Page - Alpha Wire

  SW1 Datasheet HTML 1Page - Alpha Wire SW1 Datasheet HTML 2Page - Alpha Wire SW1 Datasheet HTML 3Page - Alpha Wire SW1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. SW1
Construction
Product
Spiral Wrap Tubing
Material
Polyethylene
Color
Natural
Flamability
Not Rated
Dimensions:
Outside Diameter
0.125" +/- 0.020"
Inside Diameter
0.061", Nominal
Wall Thickness
0.032", Nominal
Pitch
0.187",Nominal
Pitch Direction
Right Hand
Applicable Specifications
ASTM 1248-65T, Type 1 Class A, Grade 3
DSSC CID A-A59602, Type 1, Class1
MIL-I-631D, Type A, Form U
MIL-P-21922B
UL CCN UZKX2
Environmental


Similar Part No. - SW1

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
SW1 4DSYSTEMS-SW1 Datasheet
3Mb / 20P
microOLED Display Modules
REVISION: 1.5
logo
Molex Electronics Ltd.
SW1 MOLEX-SW1 Datasheet
1Mb / 3P
SW1 High-Current Wire-to-Board and Busbar Interconnects
2023.03 Rev. 1
logo
Renesas Technology Corp
SW1-SW16 RENESAS-SW1-SW16 Datasheet
638Kb / 18P
Sample Program (Electronic Desktop Calculator)
logo
Alpha Wire
SW10 ALPHAWIRE-SW10 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 12/1/2005 Production
logo
Tyco Electronics
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
More results

Similar Description - SW1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com