Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW10 Datasheet (PDF) - Alpha Wire

SW10 Datasheet PDF - Alpha Wire
Part # SW10
Download  SW10 Download
File Size   386.15 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 12/1/2005 Production

SW10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW10 Datasheet PDF - Alpha Wire

Part # SW10
Download  SW10 Click to download

File Size   386.15 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 12/1/2005 Production

SW10 Datasheet (HTML) - Alpha Wire


SW10 Product details

Construction
Product Spiral Wrap Tubing
Material Polyethylene
Color White
Flamability Flame Retardant
Dimensions:
Outside Diameter 0.125" +/- 0.020"
Inside Diameter 0.061", Nominal
Wall Thickness 0.032", Nominal
Pitch 0.187",Nominal
Pitch Direction Right Hand




Similar Part No. - SW10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0312 MA-COM-SW10-0312 Datasheet
107Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW10-0312 MA-COM-SW10-0312 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW10-0313 MACOM-SW10-0313 Datasheet
222Kb / 3P
Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0313 MA-COM-SW10-0313 Datasheet
106Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Similar Description - SW10

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1322P1WTR FINISAR-FTLF1322P1WTR Datasheet
648Kb / 11P
OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
Finisar Corporation.
FTLF1322P1TR FINISAR-FTLF1322P1TR Datasheet
687Kb / 11P
OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com