Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW10 Datasheet(PDF) 1 Page - Alpha Wire

Part # SW10
Description  RoHS-Compliant Commencing With 12/1/2005 Production
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SW10 Datasheet(HTML) 1 Page - Alpha Wire

  SW10 Datasheet HTML 1Page - Alpha Wire SW10 Datasheet HTML 2Page - Alpha Wire SW10 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. SW10
Construction
Product
Spiral Wrap Tubing
Material
Polyethylene
Color
White
Flamability
Flame Retardant
Dimensions:
Outside Diameter
0.125" +/- 0.020"
Inside Diameter
0.061", Nominal
Wall Thickness
0.032", Nominal
Pitch
0.187",Nominal
Pitch Direction
Right Hand
Applicable Specifications
DSSC CID A-A59602, Type 1, Class3
UL CCN UZKX2
Environmental
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part are in compliance with EU Directive 2011/65/EU
regarding the restriction of use of certain hazardous substances in electrical and electronic
equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
Properties


Similar Part No. - SW10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0312 MA-COM-SW10-0312 Datasheet
107Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW10-0312 MA-COM-SW10-0312 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW10-0313 MACOM-SW10-0313 Datasheet
222Kb / 3P
Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0313 MA-COM-SW10-0313 Datasheet
106Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results

Similar Description - SW10

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1322P1WTR FINISAR-FTLF1322P1WTR Datasheet
648Kb / 11P
OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
Finisar Corporation.
FTLF1322P1TR FINISAR-FTLF1322P1TR Datasheet
687Kb / 11P
OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com