Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW10 Datasheet(PDF) 3 Page - Alpha Wire

Part # SW10
Description  RoHS-Compliant Commencing With 12/1/2005 Production
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SW10 Datasheet(HTML) 3 Page - Alpha Wire

  SW10 Datasheet HTML 1Page - Alpha Wire SW10 Datasheet HTML 2Page - Alpha Wire SW10 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EU/UK/China ROHS CERTIFICATE OF COMPLIANCE
To Whom It May Concern:
Alpha Wire Part Number: SW10
SW10, RoHS-Compliant Commencing With 12/1/2005 Production
Note: all colors and put-ups
This document certifies that the Alpha part number cited above, including all packaging materials, is manufactured in accordance with
Directive 2011/65/EU of the European Parliament, better known as the RoHS Directive (commonly known as RoHS 2), with regards to
restrictions of the use of certain hazardous substances used in the manufacture of electrical and electronic equipment. This certification
extends to amending Directive 2015/863/EU which expanded the list of restricted substances to 10 items (commonly known as RoHS 3).
This product also complies with UK - RoHS. The reader is referred to these Directives for the specific definitions and extents of the
Directives. No Exemptions are required for RoHS Compliance on this item. Additionally, Alpha certifies that the listed part number is
in compliance with China RoHS “Marking for Control of Pollution by Electronic Information Products” standard SJ/T 11364-2014. This
product is also in compliance with China RoHS 2 per GB/T 26572-2011.
Substance
Maximum Control Value
Lead
0.1% by weight (1000 ppm)
Mercury
0.1% by weight (1000 ppm)
Cadmium
0.01% by weight (100 ppm)
Hexavalent Chromium
0.1% by weight (1000 ppm )
Polybrominated Biphenyls (PBB)
0.1% by weight (1000 ppm)
Polybrominated Diphenyl Ethers (PBDE) ,
Including Deca-BDE
0.1% by weight (1000 ppm)
Bis(2-ethylhexyl) phthalate (DEHP)
0.1% by weight (1000 ppm)
Butyl benzyl phthalate (BBP)
0.1% by weight (1000 ppm)
Dibutyl phthalate (DBP)
0.1% by weight (1000 ppm)
Diisobutyl phthalate (DIBP)
0.1% by weight (1000 ppm)
The information provided in this document and disclosure is correct to the best of Alpha Wire's knowledge, information and belief at the
date of its release. The information provided is designed only as a general guide for the safe handling, storage, and any other operation
of the product itself or the one that it will become part of. The intent of this document is not to be considered a warranty or quality
specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of
legislation and regulations based on their individual usage of the product.
Authorized Signatory for the Alpha Wire:
Dave Watson, Director of Engineering 10/22/2024
Alpha Wire
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-908-925-8000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com