Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT371 Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # LT371
Description  RED OVAL LAMP LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LT371 Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button LT371 Datasheet HTML 6Page - Seoul Semiconductor LT371 Datasheet HTML 7Page - Seoul Semiconductor LT371 Datasheet HTML 8Page - Seoul Semiconductor LT371 Datasheet HTML 9Page - Seoul Semiconductor LT371 Datasheet HTML 10Page - Seoul Semiconductor LT371 Datasheet HTML 11Page - Seoul Semiconductor LT371 Datasheet HTML 12Page - Seoul Semiconductor LT371 Datasheet HTML 13Page - Seoul Semiconductor LT371 Datasheet HTML 14Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
-13-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LR770D
10. PART NUMBERING SYSTEM
*
8
*
*
*
-
*
*
*
*
*
*
L
C
B
A
7
6
5
4
3
2
1
1) Lamp LED initial
2) Color
U: Ultra Violet,
B : Blue (460~490nm),
C : Cyan (490~510nm)
T : True Green (510~540nm), G : Yellow-Green (540~580nm)
Y : Yellow (580~600nm)
O : Orange (600~620nm)
R : Red (620~700nm)
W : White
M : Warm
I : Infrared
3) If the products have 2 or 3chips
GR : Green + Red ( according to wavelength), FL : Full color
4) Outline type
1 : 3x2(square),
2 : 5x2(square),
3 : Phi3,
5 : Phi 5 ,
6 : 3Phi Oval,
7 : 5Phi Oval
5) Half angle
1: ~14O, 2: 15~24O , 3: 25~34O, 4: 35~44O, 5 : 45~54O… 0 : more than 100O
6) 1st Development according to a chip
7) 2nd Development (other material)
D : diffused C : colored Z : zener chip attached
8) Stand off type
A, B, C : Bin cord description A: IV, B: WD C: VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com