Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT371 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # LT371
Description  RED OVAL LAMP LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LT371 Datasheet(HTML) 2 Page - Seoul Semiconductor

  LT371 Datasheet HTML 1Page - Seoul Semiconductor LT371 Datasheet HTML 2Page - Seoul Semiconductor LT371 Datasheet HTML 3Page - Seoul Semiconductor LT371 Datasheet HTML 4Page - Seoul Semiconductor LT371 Datasheet HTML 5Page - Seoul Semiconductor LT371 Datasheet HTML 6Page - Seoul Semiconductor LT371 Datasheet HTML 7Page - Seoul Semiconductor LT371 Datasheet HTML 8Page - Seoul Semiconductor LT371 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-2-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LR770D
1. DEVICES
1.0
MIN28.0
MIN1.0
MAX1.0
DETAIL
7.0±0.01
5.08
X
Y
Color
Diffusion
Source
Lens
Part Number
Dice Source
Color
Red
AlInGaP
Diffused
Red
LR770D
2. OUTLINE DEMENSIONS
Notes : 1. All dimensions are in millimeters.
2. Protruded epoxy is 1.0mm maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com