Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW40 Datasheet(PDF) 1 Page - Alpha Wire

Part # SW40
Description  RoHS-Compliant Commencing With 10/1/2004 Production
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SW40 Datasheet(HTML) 1 Page - Alpha Wire

  SW40 Datasheet HTML 1Page - Alpha Wire SW40 Datasheet HTML 2Page - Alpha Wire SW40 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. SW40
Construction
Product
Spiral Wrap Tubing
Material
Ultraviolet Resistant Polyethylene
Color
Black
Flamability
Not Rated
Dimensions:
Outside Diameter
0.125" +/- 0.020"
Inside Diameter
0.061", Nominal
Wall Thickness
0.032", Nominal
Pitch
0.187",Nominal
Pitch Direction
Right Hand
Applicable Specifications
DSSC CID A-A59602, Type 1, Class 2
MIL-I-631D, Type A, Form U
MIL-P-21922B Type 1 Class L
UL CCN UZKX2
Environmental
) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part are in compliance with EU Directive 2011/65/EU
regarding the restriction of use of certain hazardous substances in electrical and electronic
equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the substances listed on the 2010 European Union's REACH
Substance of Very High Concern (SVHC) candidate list in excess of 0.1% mass of the item.


Similar Part No. - SW40

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4009D TTELEC-SW4009D Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
SW4009H TTELEC-SW4009H Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
SW4009U-VI TTELEC-SW4009U-VI Datasheet
367Kb / 2P
USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
22/06/2020
logo
BOWEI Integrated Circui...
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
4-SPST Switches
logo
TT Electronics.
SW4010G TTELEC-SW4010G Datasheet
410Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 12WATT
12/12/2022
More results

Similar Description - SW40

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com