Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237399 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237399
Description  SACC-M12-SCO NUTX - Housing screw connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237399 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237399 Datasheet HTML 1Page - PHOENIX CONTACT 1237399 Datasheet HTML 2Page - PHOENIX CONTACT 1237399 Datasheet HTML 3Page - PHOENIX CONTACT 1237399 Datasheet HTML 4Page - PHOENIX CONTACT 1237399 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Housing screw connection, Socket, M12-SPEEDCON, Front mounting, M12 x 1, Item is lead-free
in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Easy device integration, thanks to mechanical port screw connections with threaded fastening
•
Flexible PCB assembly: two-piece connectors for wave and THR soldering
•
SPEEDCON fast locking system reduces cabling times
•
Commercial data
Item number
1237399
Packing unit
60 pc
Minimum order quantity
60 pc
Sales key
AB23
Product key
ABQACH
GTIN
4063151456436
Weight per piece (including packing)
6.573 g
Weight per piece (excluding packing)
6.388 g
Customs tariff number
79070000
Country of origin
DE
SACC-M12-SCO NUTX - Housing screw connection
1237399
https://www.phoenixcontact.com/us/products/1237399
Sep 10, 2024, 4:26 AM
Page 1 (5)


Similar Part No. - 1237399

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237390 PHOENIX-1237390 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237392 PHOENIX-1237392 Datasheet
753Kb / 17P
SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
1237394 PHOENIX-1237394 Datasheet
337Kb / 9P
SACC-DSI-FSD-4CON-L180 SCOX - Device connector, rear mounting
1237395 PHOENIX-1237395 Datasheet
1Mb / 9P
SACC-DSI-FS-5CON-L180 SCOX - Device connector rear mounting
1237396 PHOENIX-1237396 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
More results

Similar Description - 1237399

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1432460 PHOENIX-1432460 Datasheet
343Kb / 4P
Housing screw connection - SACC-M12-SCO NUT L 90
02/04/2022
1413999 PHOENIX-1413999 Datasheet
257Kb / 7P
SACC-BP-M-M12/M15-6-THR SCO - Housing screw connection
1414020 PHOENIX-1414020 Datasheet
259Kb / 7P
SACC-BP-F-M12/M15-6-THR SCO - Housing screw connection
1551493 PHOENIX-1551493 Datasheet
307Kb / 7P
SACC-M12-SCO PLUG - Housing screw connection
1552243 PHOENIX-1552243 Datasheet
259Kb / 6P
SACC-M12-SCO NUT - Housing screw connection
1436709 PHOENIX-1436709 Datasheet
310Kb / 6P
SACC-M12-SCO PLUG L90 - Housing screw connection
1437889 PHOENIX-1437889 Datasheet
350Kb / 7P
SACC-M12 NUT PRESS - Housing screw connection
1414005 PHOENIX-1414005 Datasheet
262Kb / 7P
SACC-BP-F-M12/M15-7-THR SCO - Housing screw connection
1416145 PHOENIX-1416145 Datasheet
331Kb / 8P
SACC-DSIV-M12-PLUG - Housing screw connection
1416144 PHOENIX-1416144 Datasheet
277Kb / 7P
SACC-DSIV-M12-NUT - Housing screw connection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com