Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237399 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237399
Description  SACC-M12-SCO NUTX - Housing screw connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237399 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237399 Datasheet HTML 1Page - PHOENIX CONTACT 1237399 Datasheet HTML 2Page - PHOENIX CONTACT 1237399 Datasheet HTML 3Page - PHOENIX CONTACT 1237399 Datasheet HTML 4Page - PHOENIX CONTACT 1237399 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
Notes on operation
The electrical and mechanical data specified assume that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of contamination, the
connector must be sealed using a protective cap > IP54.
Influences arising from litz wires, cables or PCB assembly must
also be taken into consideration.
Order information:
Lock nut is included in the scope of delivery
Product properties
Product type
Panel mounting base
Thread type
M12
Data management status
Article revision
02
Connection data
Tightening torque
1.5 ... 2 Nm
Material specifications
Material
Zinc die-cast (nickel-plated)
Seal material
EPDM
Material for screw connection
Brass, nickel-plated
Connector
Connection 1
Head design
Socket
Head thread type
M12
Head locking type
SPEEDCON
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
> 100
Environmental and real-life conditions
Ambient conditions
Degree of protection (when plugged in)
IP67 (correctly plugged in and locked)
IP67 (correctly plugged in and locked)
Degree of protection
IP67, when in locked state
-25 °C ... 85 °C (Plug / socket)
Ambient temperature (operation)
-40 °C ... 85 °C (without mechanical actuation)
Standards and regulations
SACC-M12-SCO NUTX - Housing screw connection
1237399
https://www.phoenixcontact.com/us/products/1237399
Sep 10, 2024, 4:26 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com