Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADH8412TCPZ-R7-CSL Datasheet(PDF) 4 Page - Analog Devices

Part # ADH8412TCPZ-R7-CSL
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADH8412TCPZ-R7-CSL Datasheet(HTML) 4 Page - Analog Devices

  ADH8412TCPZ-R7-CSL Datasheet HTML 1Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 2Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 3Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 4Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 5Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 6Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 7Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
ADH8412S-CSL
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 8
9 GHZ TO 11 GHZ FREQUENCY RANGE
VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ, and TA = 25°C, unless otherwise noted.
Table 3. 9 GHz to 11 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
9
11
GHz
GAIN
12
14
dB
Gain Variation over Temperature
0.022
dB/°C
NOISE FIGURE
1.8
dB
RETURN LOSS
Input
14
dB
Output
10
dB
OUTPUT
OP1dB
11
14
dBm
PSAT
18
dBm
OIP3
31
dBm
Measurement taken at POUT per tone = 0 dBm
OIP2
49.5
dBm
Measurement taken at POUT per tone = 0 dBm
PAE
15.5
%
Measured at PSAT
SUPPLY
IDQ
60
mA
IDQ_AMP
58.04
mA
IRBIAS
1.96
mA
VDD
2
5
6
V
RADIATION TEST AND LIMIT SPECIFICATIONS
VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ, and TA = 25°C, unless otherwise noted. TID testing is characterized to 30 krads.
Table 4. Radiation Test and Limit Specifications
Parameter
Min
Typ
Max
Unit
GAIN
Frequency (f) = 1 GHz to 3 GHz
13
15.5
dB
f = 6 GHz
13
15
dB
f = 10 GHz
12
14
dB
OUTPUT
OP1dB
f = 1 GHz to 3 GHz
15
18
dBm
f = 6 GHz
15.5
18
dBm
f = 10 GHz
11
14
dBm
SUPPLY
IDQ
60
65
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com