Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADH8412TCPZ-R7-CSL Datasheet(PDF) 6 Page - Analog Devices

Part # ADH8412TCPZ-R7-CSL
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADH8412TCPZ-R7-CSL Datasheet(HTML) 6 Page - Analog Devices

  ADH8412TCPZ-R7-CSL Datasheet HTML 1Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 2Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 3Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 4Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 5Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 6Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 7Page - Analog Devices ADH8412TCPZ-R7-CSL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet
ADH8412S-CSL
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 8
Figure 3. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RBIAS
Current Mirror Bias Resistor. Use the RBIAS pin to set the quiescent current by connecting the external bias resistor. Refer to the HMC8412
data sheet for the bias resistor connection and for recommended bias resistor values. See Figure 4 for the interface schematic.
2, 5
GND
Ground. The GND pin must be connected to RF and DC ground. See Figure 7 for the interface schematic.
3
RFIN
RF Input. The RFIN pin is AC-coupled and matched to 50 Ω. See Figure 5 for the interface schematic.
4
RFOUT
RF Output. The RFOUT pin is AC-coupled and matched to 50 Ω. See Figure 6 for the interface schematic.
6
VDD
Drain Supply Voltage for the Amplifier. See Figure 6 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and DC ground.
INTERFACE SCHEMATICS
Figure 4. RBIAS Interface Schematic
Figure 5. RFIN Interface Schematic
Figure 6. VDD and RFOUT Interface Schematic
Figure 7. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com