Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH37C Datasheet(PDF) 2 Page - Analog Devices

Part # RH37C
Description  Precision Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH37C Datasheet(HTML) 2 Page - Analog Devices

  RH37C Datasheet HTML 1Page - Analog Devices RH37C Datasheet HTML 2Page - Analog Devices RH37C Datasheet HTML 3Page - Analog Devices RH37C Datasheet HTML 4Page - Analog Devices RH37C Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
RH37C
TABLE 1: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS
VOS
Input Offset Voltage
1
100
130
180
280
400
µV
IOS
Input Offset Current
75
75
90
120
180
nA
IB
Input Bias Current
±80
±80
±125
±200
±400
nA
Input Resistance
2 (Typ)
2 (Typ)
2 (Typ)
2 (Typ)
2 (Typ)
G
Ω
Common Mode
Input Voltage Range
4
±11
±11
±11
±11
±11
V
CMRR
Common Mode
VCM = ±11V
100
100
97
94
90
dB
Rejection Ratio
PSRR
Power Supply
VS = ±4V to ±18V
94
94
92
90
86
dB
Rejection Ratio
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
700
700
700
700
400
V/mV
VOUT
Maximum Output
RL ≥ 10k
±11.5
±11.5
±11.5
±11.5
±11.5
V
Voltage Swing
RL ≥ 600Ω±10.0
±10.0
±10.0
±10.0
±10.0
V
SR
Slew Rate
RL ≥ 2k
1.7
1.7
1.7
1.5
1
V/
µs
ZO
Open-Loop Output Resistance VO = 0, IO = 0
70 (Typ)
70 (Typ)
70 (Typ)
70 (Typ)
70 (Typ)
Ω
PD
Power Dissipation
170
170
170
170
170
mW
100KRAD(Si)
50KRAD(Si)
20KRAD(Si)
10KRAD(Si)
200KRAD(Si)
(Preirradiation) (Note 9)
TA = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
en
Input Noise Voltage
0.1Hz to 10Hz
4, 5
0.25
µVP-P
Input Noise Voltage Density
fO = 10Hz
3
8.0
nV/
√Hz
fO = 30Hz
4
5.6
nV/
√Hz
fO = 1000Hz
4
4.5
nV/
√Hz
in
Input Noise Current Density
fO = 1000Hz
4, 6
0.6
pV/
√Hz
Input Resistance
2
G
Ω
Common Mode
Input Voltage Range
4
±11
±10.2
V
CMRR
Common Mode
VCM = ±11V
100
1
dB
Rejection Ratio
VCM = ±10V
94
2, 3
dB
PSRR
Power Supply
VS = ±4V to ±18V
94
1
dB
Rejection Ratio
VS = ±4.5V to ±18V
86
2, 3
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
700
4
300
5, 6
V/mV
RL ≥ 600Ω, VO = ±1V
4
200
V/mV
VS = ±4V
VOUT
Maximum Output
RL = 2k
±11.5
4
±10.5
5, 6
V
Voltage Swing
RL = 600Ω±10.0
4
V
SR
Slew Rate
RL = 2k, AVCL ≥ 511
7
V/
µs
GBW
Gain-Bandwidth Product
fO = 10kHz (AVCL ≥ 5)
4
45
MHz
fO = 1MHz (AVCL ≥ 5)
40
MHz
ZO
Open-Loop Output Resistance VO = 0, IO = 0
470
Ω
PD
Power Dissipation
170
1
mW
–55
°C ≤ TA ≤ 125°C
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) (Note 10)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com