Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH37C Datasheet(PDF) 3 Page - Analog Devices

Part # RH37C
Description  Precision Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH37C Datasheet(HTML) 3 Page - Analog Devices

  RH37C Datasheet HTML 1Page - Analog Devices RH37C Datasheet HTML 2Page - Analog Devices RH37C Datasheet HTML 3Page - Analog Devices RH37C Datasheet HTML 4Page - Analog Devices RH37C Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
RH37C
TOTAL DOSE BIAS CIRCUIT
10k
15V
–15V
10k
8V
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL DOSE KRAD (Si)
1
25
20
15
10
5
0
10
RH37C G01
100
1000
VS = ±15V
RL = 2k
AVCL ≥ 5
TOTAL DOSE KRAD (Si)
1
25
20
15
10
0
10
RH37C G02
100
1000
VS = ±15V
RL = 2k
AVCL ≥ 5
Positive Slew Rate
Negative Slew Rate
TABLE 1A: ELECTRICAL CHARACTERISTICS
Note 6: See test circuit for current noise measurement on OP-27/OP-37
data sheet.
Note 7: The average input offset drift performance is within the specifica-
tions unnulled or when nulled with a pot having a range 8k
Ω to 20kΩ.
Note 8: The RH37C’s inputs are protected by back-to-back diodes. Current
limiting resistors are not used in order to achieve low noise. If differential
input voltage exceeds
±0.7V, the input current should be limited to 25mA.
Note 9: VS = ±15V, VCM = 0V unless otherwise noted.
Note 10: TA = 25°C, VS = ±15V, VCM = 0V, unless otherwise noted.
Note 1: Input offset voltage measurements are performed by automatic
test equipment approximately 0.5 seconds after application of power.
Note 2: Long-term input offset voltage stability refers to the average trend
line of offset voltage vs time over the first 30 days of operation. Excluding
the initial hour of operation, changes in VOS during the first 30 days are
typically 2.5
µV. Refer to the typical performance curves.
Note 3: Sample tested to an LTPD of 15 on every lot. Contact factory for
100% testing of 10Hz voltage density noise.
Note 4: Parameter is guaranteed by design, characterization, or correlation
to other tested parameters.
Note 5: See test circuit and frequency response curve for 0.1Hz to 10Hz
tester on OP-27/OP-37 data sheet.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com