Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADTLF Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW5094ADTLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADTLF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW5094ADTLF Datasheet HTML 36Page - STMicroelectronics STW5094ADTLF Datasheet HTML 37Page - STMicroelectronics STW5094ADTLF Datasheet HTML 38Page - STMicroelectronics STW5094ADTLF Datasheet HTML 39Page - STMicroelectronics STW5094ADTLF Datasheet HTML 40Page - STMicroelectronics STW5094ADTLF Datasheet HTML 41Page - STMicroelectronics STW5094ADTLF Datasheet HTML 42Page - STMicroelectronics STW5094ADTLF Datasheet HTML 43Page - STMicroelectronics STW5094ADTLF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
STw5094A
40/51
VOICE CODEC ENVELOPE DELAY DISTORTION WITH FREQUENCY
VOICE CODEC NOISE
(*) 300 to 3400Hz bandwidth
VOICE CODEC CROSSTALK
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DXA
Tx Delay, Absolute
f = 1600 Hz
320
µs
DXR
Tx Delay, Relative
f = 500 - 600 Hz
f = 600 - 800 Hz
f = 800 - 1000 Hz
f = 1000 - 1600 Hz
f = 1600 - 2600 Hz
f = 2600 - 2800 Hz
f = 2800 - 3000 Hz
290
180
50
20
55
80
180
µs
µs
µs
µs
µs
µs
µs
DRA
Rx Delay, Absolute
f = 1600 Hz
280
µs
DRR
Rx Delay, Relative
f = 500 - 600 Hz
f = 600 - 800 Hz
f = 800 - 1000 Hz
f = 1000 - 1600 Hz
f = 1600 - 2600 Hz
f = 2600 - 2800 Hz
f = 2800 - 3000 Hz
200
110
50
20
65
100
220
µs
µs
µs
µs
µs
µs
µs
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
NXP
Tx Noise, P weighted (up to 35dB) VMIC =0V, DE =0
-75
-70
dBm0p
NRP
Rx Noise, C-message weighted
8
Ω Load
(gain for max. undistorted output
level)
Receive PCM code = Zero, SI = 0,
RTE = 0 and
LSA=’0100’ (gain -2dB)
30
50
µVRMS
PSRTX
PSRR, Tx
MIC = 0V,
VCC =3.0 VDC + 50 mVRMS;
f = 100Hz to 50kHz
30
dB
PSRRX
PSRR, Rx
PCM Code equals Positive Zero,
VCC =3.0VDC + 50 mVRMS
f = 100 Hz - 4 kHz
f = 4 kHz - 50 kHz
30
30
dB
dB
SOS
Spurious Out-Band signal at the
output
Digital filter characteristics
4600 Hz - 5600 Hz
5600 Hz - 7600 Hz
7600 Hz - 8400 Hz
-40
-50
-50
dB
dB
dB
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CTX-R
Transmit to Receive
Transmit Level = 0 dBm0,
f = 300 - 3400 Hz
DR = Quiet PCM Code
-100
-65
dB
CTR-X
Receive to Transmit
Receive Level = -6 dBm0,
f = 300 - 3400 Hz
MIC = 0V
-80
-65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com