Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADTLF Datasheet(PDF) 45 Page - STMicroelectronics

Part # STW5094ADTLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADTLF Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STW5094ADTLF Datasheet HTML 41Page - STMicroelectronics STW5094ADTLF Datasheet HTML 42Page - STMicroelectronics STW5094ADTLF Datasheet HTML 43Page - STMicroelectronics STW5094ADTLF Datasheet HTML 44Page - STMicroelectronics STW5094ADTLF Datasheet HTML 45Page - STMicroelectronics STW5094ADTLF Datasheet HTML 46Page - STMicroelectronics STW5094ADTLF Datasheet HTML 47Page - STMicroelectronics STW5094ADTLF Datasheet HTML 48Page - STMicroelectronics STW5094ADTLF Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
45/51
STw5094A
TYPICAL PERFORMANCE CHARACTERISTICS (simulations)
Plot 6.
In band Frequency response. FS=8 kHz
-1
-0.5
0
0.5
1
0
500
1000
1500
2000
2500
3000
3500
Freq. [Hz]
Digital Rx Voice Filter Characteristic
Plot 5.
Frequency response up to 2.5Fs
-70
-60
-50
-40
-30
-20
-10
0
0
2000 4000
6000
8000 10000 12000 14000 16000 18000 20000
Freq. [Hz]
Digital Rx Voice Filter Characteristic
Plot 3.
Frequency response up to 3.45 Fs
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
0.5
1
1.5
2
2.5
3
Normalized Freq. [Fs]
Digital Audio Filter Characteristic
Plot 4.
In band Frequency response
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Normalized Freq. [Fs]
Digital Audio Filter Characteristic
Plot 2.
The filter compensates for pre-emphasis used on some
audio CDs. The gain error from ideal filtering is lower
than 0.1dB. The de-emphasis filter selection implies a
flat treble control.
-10
-8
-6
-4
-2
0
100
1000
10000
Freq. [Hz]
De-emphasis Filter
Plot 1.
Bass and treble gains are independently selectable in
any combination. Filters characteristics at Fs=44.1kHz
are plotted
-10
-5
0
5
10
100
1000
10000
Freq. [Hz]
Bass-Treble controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com