Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA7002-EVALZ
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADPA7002-EVALZ Datasheet HTML 1Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 2Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 3Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 4Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 5Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 6Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 7Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 8Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADPA7002
SPECIFICATIONS
analog.com
Rev. A | 3 of 20
18 GHZ TO 20 GHZ FREQUENCY RANGE
TA = 25°C, drain voltage (VDD) = 5 V, and quiescent drain current (IDQ) = 700 mA for nominal operation, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
18
20
GHz
GAIN
15
dB
Flatness
±0.5
dB
Variation over Temperature
0.026
dB/°C
NOISE FIGURE
11
dB
RETURN LOSS
Input
8
dB
Output
13
dB
OUTPUT
Power for 1 dB Compression
P1dB
25.5
dBm
Saturated Output Power
PSAT
27.5
dBm
Third-Order Intercept
IP3
36.5
dBm
Measurement taken at output power (POUT) per tone = 12 dBm
POWER ADDED EFFICIENCY
PAE
12.5
%
Measured at PSAT
SUPPLY
Quiescent Drain Current
IDQ
700
mA
Adjust VGG1 between −1.5 V to 0 V to achieve the desired IDQ
Drain Voltage
VDD
4
5
V
20 GHZ TO 24 GHZ FREQUENCY RANGE
TA = 25°C, VDD = 5 V, and IDQ = 700 mA for nominal operation, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
20
24
GHz
GAIN
15
17
dB
Flatness
±0.5
dB
Variation over Temperature
0.026
dB/°C
NOISE FIGURE
8
dB
RETURN LOSS
Input
12
dB
Output
12
dB
OUTPUT
Power for 1 dB Compression
P1dB
24
27
dBm
Saturated Output Power
PSAT
28.5
dBm
Third-Order Intercept
IP3
37
dBm
Measurement taken at POUT per tone = 12 dBm
POWER ADDED EFFICIENCY
PAE
14
%
Measured at PSAT
SUPPLY
Quiescent Drain Current
IDQ
700
mA
Adjust VGG1 between −1.5 V to 0 V to achieve the desired IDQ
Drain Voltage
VDD
4
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com