Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002-EVALZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADPA7002-EVALZ
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002-EVALZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPA7002-EVALZ Datasheet HTML 12Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 13Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 14Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 15Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 16Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 17Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 18Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 19Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Data Sheet
ADPA7002
OUTLINE DIMENSIONS
©2019-2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 20 of 20
Figure 62. 16-Terminal Ceramic Leadless Chip with Heat Sink [LCC_HS]
(EH-16-1)
Dimensions shown in millimeters
Updated: June 26, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADPA7002AEHZ
-40°C to +85°C
16-Lead LCC (6mm x 6mm x 1.32mm w/EP)
EH-16-1
ADPA7002AEHZ-R7
-40°C to +85°C
16-Lead LCC (6mm x 6mm x 1.32mm w/EP)
Reel, 100
EH-16-1
1 All models are RoHS compliant.
EVALUATION BOARDS
Model1
Description
ADPA7002-EVALZ
Evaluation PCB
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com