Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA1702A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA1702A
Description  Line interrupter driver and ringer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1702A Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA1702A Datasheet HTML 1Page - NXP Semiconductors UBA1702A Datasheet HTML 2Page - NXP Semiconductors UBA1702A Datasheet HTML 3Page - NXP Semiconductors UBA1702A Datasheet HTML 4Page - NXP Semiconductors UBA1702A Datasheet HTML 5Page - NXP Semiconductors UBA1702A Datasheet HTML 6Page - NXP Semiconductors UBA1702A Datasheet HTML 7Page - NXP Semiconductors UBA1702A Datasheet HTML 8Page - NXP Semiconductors UBA1702A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Sep 29
2
Philips Semiconductors
Product specification
Line interrupter driver and ringer
UBA1702; UBA1702A
FEATURES
Speech part
• Driver for the line interrupter that can be either a PMOST
when UBA1702 is used or a PNP when UBA1702A is
used
• Adjustable over-current protection
• Adjustable over-voltage protection for transmission
circuit
• Adjustable mute (dialling mode voltage; DMO or NSA)
• Adjustable current loop detection (hook switch status)
• Microcontroller supply
• Provision for electronic hook switch.
Ringer part
• Over-voltage protection
• Ringer frequency output for frequency discrimination
• Adjustable ringer threshold for piezo-driver enable
• Three bits ringer volume control
• Bridge-tied-load (BTL) output stage for piezo transducer
• Fast start-up microcontroller supply.
Miscellaneous
• Separated ground pins for transmission circuit interface
and control signals (e.g. for TEA1064A)
• Possibility to supply the microcontroller with an external
voltage source.
APPLICATIONS
• Telephone sets with software controlled ringer function
• Telephone sets with electronic hook switch.
GENERAL DESCRIPTION
The UBA1702; UBA1702A performs the high voltage
interface and ringer functions of the corded analog
telephone set in close cooperation with a microcontroller
and transmission circuit.
The UBA1702; UBA1702A incorporates several
protections, a driver for the line interrupter and a ringer.
Because of the practical division of functions between the
microcontroller, the transmission circuit and the UBA1702;
UBA1702A, it is possible to have a higher integration level
thereby reducing significantly the number of discrete
components in a telephone set.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UBA1702
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
UBA1702A
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
UBA1702T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
UBA1702AT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com