Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA1702A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UBA1702A
Description  Line interrupter driver and ringer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1702A Datasheet(HTML) 3 Page - NXP Semiconductors

  UBA1702A Datasheet HTML 1Page - NXP Semiconductors UBA1702A Datasheet HTML 2Page - NXP Semiconductors UBA1702A Datasheet HTML 3Page - NXP Semiconductors UBA1702A Datasheet HTML 4Page - NXP Semiconductors UBA1702A Datasheet HTML 5Page - NXP Semiconductors UBA1702A Datasheet HTML 6Page - NXP Semiconductors UBA1702A Datasheet HTML 7Page - NXP Semiconductors UBA1702A Datasheet HTML 8Page - NXP Semiconductors UBA1702A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Sep 29
3
Philips Semiconductors
Product specification
Line interrupter driver and ringer
UBA1702; UBA1702A
QUICK REFERENCE DATA
Speech part: lline = 20 mA; DPI = LOW; Tamb =25 °C; VEE = 0 V; unless otherwise specified.
Ringer part: Vline(rms) = 45 V; f = 25 Hz; using an RC combination of 2.2 kΩ and 820 nF and a diode bridge between the
line and the RPI input.
Notes
1. Independent of VRR if greater than 10 V.
2. Without piezo transducer, dependent on VRR.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Speech part
SWITCH DRIVER AND REFERENCES (PINS SDI, SDO, EHI AND DPI); UBA1702A ONLY
RSDO
resistance between pins SDO and VEE
−
2.2
−
k
Ω
SWITCH DRIVER AND REFERENCES (PINS SDI, SDO, EHI AND DPI); UBA1702 AND UBA1702A
RSDI-SDO
resistance between pins SDI and SDO VSDI − VSDO <12V
−
1.1
−
M
Ω
RSDI
resistance between pins SDI and VEE
VSDI = 240 V; DPI = HIGH
5
−−
M
Ω
MUTE SWITCH AND ADJUSTABLE PROTECTION ZENER VOLTAGE (PINS MSI, MSA AND ZPA)
VSPO(M)
adjustable mute voltage referenced to
VEE
MSI = HIGH;
MSA open-circuit
−
2.7
3
V
VSPO(Z)
adjustable zener voltage referenced to
VEE
MSI = LOW;
ZPA open-circuit
11
12
13
V
CURRENT MANAGEMENT (PINS SPI, SPO, CDA, CLA AND CDO)
lSPI(lim)
current limitation (pin SPI)
CLA shorted to VEE
−
120
−
mA
ISPI(det)
current detection (pin SPI)
CDA open-circuit
2
3
4
mA
MICROCONTROLLER SUPPLY (VDD AND VBB)
VDD
supply output voltage referenced to
VSS
VBB > 3.7 V; IDD = −1 mA
3.0
3.3
3.6
V
Ringer part
PROTECTION (PIN RPI)
IRPI(max)
maximum input current
70
−−
mA
RINGER THRESHOLD AND FREQUENCY DETECTION (PINS VRR,RTA AND RFO)
VRR(th)
ringer supply threshold voltage
referenced to VSS
RTA open-circuit
−
11
−
V
VOLUME CONTROL (PINS RV0, RV1 AND RV2)
∆Gs
step resolution
(RV2, RV1, RV0) from
(0, 0, 0) to (1, 1, 0); note 1
−
6
−
dB
∆G
ls
last step resolution
(RV2, RV1, RV0) from
(1, 1, 0) to (1, 1, 1); note 2
−
9.5
12
dB
RINGER MELODY INPUT AND PIEZO DRIVER (PINS RMI, ROA AND ROB)
Vo(max p−p) maximum output voltage between pins
ROA and ROB (peak-to-peak value)
RV2=1; RV1=1; RV0=1
−
28.7
32
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com