Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX26402 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX26402
Description  36V, 2.5A/3.5A, Fully Integrated Synchronous Silent Switcher Buck Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX26402 Datasheet(HTML) 2 Page - Analog Devices

  MAX26402 Datasheet HTML 1Page - Analog Devices MAX26402 Datasheet HTML 2Page - Analog Devices MAX26402 Datasheet HTML 3Page - Analog Devices MAX26402 Datasheet HTML 4Page - Analog Devices MAX26402 Datasheet HTML 5Page - Analog Devices MAX26402 Datasheet HTML 6Page - Analog Devices MAX26402 Datasheet HTML 7Page - Analog Devices MAX26402 Datasheet HTML 8Page - Analog Devices MAX26402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MAX26402/MAX26403
36V, 2.5A/3.5A, Fully Integrated Synchronous
Silent Switcher Buck Converters
www.analog.com
Analog Devices | 2
Simplified Block Diagram
STEP DOWN DC-DC
GATE DRIVE
LOGIC
BIAS
PWM
GND
SUP
LX
PGOOD
PGND
FB/OUT
SYNC
VREF
EAMP
SAWTOOTH
RAMP
PWM
OSCILLATOR
SYNC
SELECT
LOGIC
CLK
ZX
COMP
TIED HI (PWM MODE)
TIED LO (SKIP MODE)
PGOOD HIGH LEVEL
PGOOD LO LEVEL
PGOOD
Comp
CLK
ZX
LX
LX
CURRENT LIMIT
THRESHOLD
EN
INTERNAL
SOFT START
SPREAD SPECTRUM
ON/OFF
EXTERNAL CLOCK
SYNCHRONIZATION
INTERNAL LINEAR
REGULATOR
VSUP or VOUT
(if VOUT > 2.5V)
BIAS
BST
BIAS
BIAS
EN
AVERAGE
CURRENT
SENSE SIGNAL
SPS
FEEDBACK
LOGIC
SELECT
CSA
VSUP
VOUT
EAMP
MAX26402
MAX26403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com