Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX26402 Datasheet (PDF) - Analog Devices

MAX26402 Datasheet PDF - Analog Devices
Part # MAX26402
Download  MAX26402 Download
File Size   1560.59 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 2.5A/3.5A, Fully Integrated Synchronous Silent Switcher Buck Converters

MAX26402 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX26402 Datasheet PDF - Analog Devices

Part # MAX26402
Download  MAX26402 Click to download

File Size   1560.59 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 2.5A/3.5A, Fully Integrated Synchronous Silent Switcher Buck Converters

MAX26402 Datasheet (HTML) - Analog Devices


MAX26402 Product details

Benefits and Features
• Silent Switcher
• Enables Compact, Efficient, Low-EMI Solution
• Spread-Spectrum Frequency Modulation
• Symmetrical Package Offers Superior EMI Performance
• Multiple Functions for Small Size
• Operating Input Voltage Range: 3V to 36V
• Synchronous DC-DC Converter with Integrated Field-Effect Transistors (FETs) up to 2.5A/3.5A
• 10μA Quiescent Current in Skip Mode
• 3MHz/2.1MHz/400kHz Switching Frequency
• Spread-Spectrum Option
• Fixed 2.5ms Internal Soft-Start
• Programmable 0.8V to 12V Output Voltage Range or Fixed 5V/3.3V Options Available
• 99% Duty Cycle Operation with Low Dropout
• High Precision for Safety Critical Applications
• MAXQ Power Architecture
• ±1.5% Output Voltage Accuracy in Forced-PWM
• Precision Enable Thresholds for Fully Programmable Undervoltage Lockout (UVLO) Thresholds
• Accurate Windowed PGOOD
• Robust for the Environment
• Average Current-Mode, Forced-PWM, and Skip Operation
• Overtemperature, Overvoltage (OV), and Short-Circuit Protection
• 3mm x 3mm FC2QFN
• -40°C to +125°C Operating Temperature Range
Applications
• Point-of-Load Power Supplies
• 12V/24V Industrial Applications
• Telecom, Servers, and Networking Equipment




Similar Part No. - MAX26402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640 MAXIM-MAX2640 Datasheet
174Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640 Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
478Kb / 4P
All Critical Peripheral Components Included Evaluation Kits
Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
111Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Similar Description - MAX26402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Maxim Integrated Produc...
MAX20457 MAXIM-MAX20457 Datasheet
1Mb / 17P
High-Efficiency, 36V, Dual Synchronous Buck Converters (3.5A/2A) for Automotive Applications
Rev 3; 11/19
MAX20077 MAXIM-MAX20077 Datasheet
1Mb / 18P
36V, 2.5A Mini Buck Converters with 3.5μA IQ
Rev 6; 6/19
logo
Analog Devices
LT3935 AD-LT3935 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com