Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1624072 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1624072
Description  CA-1RS1N8AT006 - Cable connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1624072 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1624072 Datasheet HTML 1Page - PHOENIX CONTACT 1624072 Datasheet HTML 2Page - PHOENIX CONTACT 1624072 Datasheet HTML 3Page - PHOENIX CONTACT 1624072 Datasheet HTML 4Page - PHOENIX CONTACT 1624072 Datasheet HTML 5Page - PHOENIX CONTACT 1624072 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Cable connector, series: CA, angled, shielded: yes, Screw locking mechanism, No. of pos.:
16+2+FE, Direction of rotation: Standard, contact connection type: Socket, Crimp connection,
cable diameter range: 4 mm ... 6 mm, coding: N, Alternative product in accordance with RoHS II
without Exemption 6c (Pb < 0.1 %) item no.: 1245083
Your advantages
Angled cable outlet for confined spaces
•
Can be adapted to various applications, thanks to adjustable cable outlet direction
•
Safe use in the field, thanks to high degree of protection
•
Connector for flexible on-site assembly
•
Consistent EMC protection for reliable transmission of signals
•
Crimping connection: vibration- and temperature-resistant assembly
•
Commercial data
Item number
1624072
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
AB31
Product key
ABRAEC
Catalog page
Page 93 (C-2-2019)
GTIN
4055626230634
Weight per piece (including packing)
140.469 g
Weight per piece (excluding packing)
140.469 g
Customs tariff number
85366990
Country of origin
DE
CA-1RS1N8AT006 - Cable connector
1624072
https://www.phoenixcontact.com/us/products/1624072
Sep 10, 2024, 4:30 AM
Page 1 (6)


Similar Part No. - 1624072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1624071 PHOENIX-1624071 Datasheet
500Kb / 14P
CA-1RS1N8AT0DN - Cable connector
1624073 PHOENIX-1624073 Datasheet
272Kb / 6P
CA-1RS1N8AT007 - Cable connector
1624074 PHOENIX-1624074 Datasheet
500Kb / 14P
CA-1RS1N8AT008 - Cable connector
1624075 PHOENIX-1624075 Datasheet
548Kb / 15P
CA-1RP1N8AT0DN - Cable connector
1624076 PHOENIX-1624076 Datasheet
510Kb / 15P
CA-1RP1N8AT006 - Cable connector
More results

Similar Description - 1624072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
Cable connector - CA-09P1N12T0DN
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
Cable connector - CA-19P1N12T008S
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
Cable connector - CA-16S1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
Cable connector - CA-07S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
Cable connector - CA-19S1N12T007S
1619412 PHOENIX-1619412 Datasheet
241Kb / 6P
Cable connector - CA-12S1N12T006S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
Cable connector - CA-17P1N12T0DNS
1620181 PHOENIX-1620181 Datasheet
249Kb / 6P
Cable connector - CA-16P1N12T008
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
Cable connector - CA-19P1N128006
1619729 PHOENIX-1619729 Datasheet
64Kb / 4P
Cable connector - CA-17P1N128006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com