Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4299_06 Datasheet HTML 17Page - Cirrus Logic CS4299_06 Datasheet HTML 18Page - Cirrus Logic CS4299_06 Datasheet HTML 19Page - Cirrus Logic CS4299_06 Datasheet HTML 20Page - Cirrus Logic CS4299_06 Datasheet HTML 21Page - Cirrus Logic CS4299_06 Datasheet HTML 22Page - Cirrus Logic CS4299_06 Datasheet HTML 23Page - Cirrus Logic CS4299_06 Datasheet HTML 24Page - Cirrus Logic CS4299_06 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
CS4299
21
4.3
Alternate Volume Register (Index 04h)
Mute
Alternate Mute. Setting this bit mutes the ALT_LINE_OUT_L/R output signals.
ML[4:0]
Alternate Volume Left. These bits control the left alternate output volume. Each step corre-
sponds to 1.5 dB gain adjustment, with 00000 = 0 dB. The total range is 0 dB to -46.5 dB atten-
uation. See Table 2 for further attenuation levels.
ML5
Alternate Volume Left Max Attenuation. Setting ML5 sets the left channel attenuation to
-46.5 dB by forcing ML[4:0] to a ‘1’ state. ML[5:0] will read back 011111 when ML5 has been
‘set’. Table 2 summarizes this behavior.
MR[4:0]
Alternate Volume Right. These bits control the right alternate output volume. Each step corre-
sponds to 1.5 dB gain adjustment, with 00000 = 0 dB. The total range is 0 dB to -46.5 dB atten-
uation. See Table 2 for further attenuation levels.
MR5
Alternate Volume Right Max Attenuation. Setting MR5 sets the right channel attenuation to
-46.5 dB by forcing MR[4:0] to a ‘1’ state. MR[5:0] will read back 011111 when MR5 has been
‘set’. Table 2 summarizes this behavior.
Default
8000h. This value corresponds to 0 dB attenuation and Mute ‘set’.
4.4
Mono Volume Register (Index 06h)
Mute
Mono Mute. Setting this bit mutes the MONO_OUT signal.
MM[5:0]
Mono Volume. These bits control the mono output volume. Each step corresponds to 1.5 dB
gain adjustment, with a total available range from 0 dB to -46.5 dB attenuation. See Table 2 for
further attenuation levels.
MM5
Mono Volume Max Attenuation. Setting the MM5 bit sets the mono attenuation to -46.5 dB by
forcing MM[4:0] to a ‘1’ state. MM[5:0] will read back 011111 when MM5 has been ‘set’. Table 2
summarizes this behavior.
Default
8000h. This value corresponds to 0 dB attenuation and Mute ‘set’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0
ML5
ML4
ML3
ML2
ML1
ML0
0
0
MR5
MR4MR3
MR2MR1MR0
Mx[5:0]
Write
Mx[5:0]
Read
Gain
Level
000000
000000
0 dB
000001
000001
-1.5 dB
……
...
011111
011111
-46.5 dB
100000
011111
-46.5 dB
...
...
...
111111
011111
-46.5 dB
Table 2. Analog Mixer Output Attenuation
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
00
00
0
000
0
MM5
MM4
MM3
MM2
MM1
MM0
DS319PP6
21
CS4299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com