Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4299_06 Datasheet HTML 35Page - Cirrus Logic CS4299_06 Datasheet HTML 36Page - Cirrus Logic CS4299_06 Datasheet HTML 37Page - Cirrus Logic CS4299_06 Datasheet HTML 38Page - Cirrus Logic CS4299_06 Datasheet HTML 39Page - Cirrus Logic CS4299_06 Datasheet HTML 40Page - Cirrus Logic CS4299_06 Datasheet HTML 41Page - Cirrus Logic CS4299_06 Datasheet HTML 42Page - Cirrus Logic CS4299_06 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
CS4299
39
6.3
Miscellaneous Analog Signals
The AFLT1 and AFLT2 pins must have a 1000 pF
NPO capacitor to analog ground. These capacitors
provide a single-pole low-pass filter at the inputs to
the ADCs. This makes low-pass filters at each ana-
log input pin unnecessary.
The REFFLT pin must have a 1
µF and a 0.1 µF ca-
pacitor connected to analog ground with a short,
wide trace to this pin (see Figure 21 in Section 8,
Grounding and Layout, for an example). The 1
µF
capacitor must not be replaced with any value high-
er than 1
µF. No other connection should be made,
as any coupling onto this pin will degrade the ana-
log performance of the CS4299. Likewise, digital
signals should be kept away from REFFLT for sim-
ilar reasons.
The Vrefout pin is typically 2.3 V and provides a
common mode signal for single-supply external
circuits. Vrefout only supports light DC loads and
should be buffered if AC loading is needed. For
typical use the Vrefout pin should have a 1
µF and
a 0.1
µF capacitor connected to analog ground.
6.4
Power Supplies
The power supplies providing analog power should
be as clean as possible to minimize coupling into
the analog section which could degrade analog per-
formance. The analog power pins, AVdd1 and
AVdd2, supply power to all the analog circuitry on
the CS4299. The +5 V analog supply should be
generated from a linear voltage regulator (7805
type) connected to a +12 V supply. This helps iso-
late the analog circuitry from noise typically found
on +5 V digital supplies. A typical voltage regula-
tor
circuit
for
analog
power
using
a
MC78M05CDT +5 V regulator is shown in
Figure 19. The digital power pins, DVdd1 and
DVdd2, should be connected to the same digital
supply as the controller AC-link interface. The dig-
ital interface on the CS4299 may operate at either
+3.3 V or +5 V and proper connection of these pins
will depend on the digital power supply of the con-
troller.
6.5
Reference Design
See Section 11 for a CS4299 reference design.
Figure 19. Voltage Regulator
+12VD
AGND
DGND
+5VA
0.1µF
Y5V
10µF
ELEC
+
10µF
ELEC
+
MC78M05CDT
OUT
3
GND
2
IN
1
0.1µF
Y5V
DS319PP6
39
CS4299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com