Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3003HV Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3003HV
Description  TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH SPEED SWITCHING APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3003HV Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3003HV Datasheet HTML 1Page - KEC(Korea Electronics) KTC3003HV Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 9. 10
2/2
KTC3003HV
Revision No : 1
0
0
PC - Ta
0.01
COLLECTOR CURRENT IO (A)
DC CURRENT GAIN
STATIC CHARACTERIC
0
0
SWITCHING TIME
5
13
4
2
0.4
0.8
1.2
1.8
2.0
1
10
100
0.1
1
10
50
100
150
200
0.25
0.5
0.75
1
1.1
AMBIENT TEMPERATURE Ta ( C)
1.25
COLLECTOR EMITTER VOLTAGE VCE (V)
COLLECTOR EMITTER VOLTAGE VCE (V)
Ib=500mA
Ib=50mA
Ib=100mA
Ib=0mA
Ib=400mA
Ib=200mA
Ib=300mA
V
CE=10V
0.1
1
1
10
100
0.1
0.01
COLLECTOR CURRENT IC (A)
COLLECTOR CURRENT IC (A)
VCE(sat) vs. VBE(sat)
0.1
1
10
100
0.1
1
10
I
C=4Ib
V
BE(sat)
V
CE(sat)
tstg
tf
0.01
SAFE OPERATING AREA
0.1
1
10
100
0.1
1
10
Ic max (Pulse)
Ic max (DC)
5ms
1ms
10
µs
100
µ
s
Tc=Ta INFINITE HEAT SINK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com