Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3003HV Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3003HV
Description  TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH SPEED SWITCHING APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3003HV Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3003HV Datasheet HTML 1Page - KEC(Korea Electronics) KTC3003HV Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 9. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTC3003HV
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 1
SWITCHING REGULATOR APPLICATION.
HIGH VOLTAGE AND HIGH SPEED
SWITCHING APPLICATION.
FEATURES
Excellent Switching Times
: ton=1.1 S(Typ.), tf=0.7 S(Typ.), at IC=1A
High Collector Voltage : VCBO=900V.
MAXIMUM RATING (Ta=25
)
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
900
V
Collector-Emitter Voltage
VCEO
530
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
DC
IC
1.5
A
Pulse
ICP
3
Base Current
IB
0.75
A
Collector Power Dissipation
PC
1.1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Emitter Cut-off Current
IEBO
VEB=9V, IC=0
-
-
10
A
DC Current Gain
hFE(1)
VCE=10V, IC=10mA
15
-
50
*hFE(2)
VCE=10V, IC=0.4A
20
-
50
hFE(3)
VCE=10V, IC=1A
6
-
-
Collector-Emitter
Saturation Voltage
VCE(sat)
IC=0.5A, IB=0.1A
-
-
0.8
V
IC=1.5A, IB=0.5A
-
-
2.5
Base-Emitter
Saturation Voltage
VBE(sat)
IC=0.5A, IB=0.1A
-
-
1
V
IC=1A, IB=0.25A
-
-
1.2
Collector Output Capacitance
Cob
VCB=10V, f=0.1MHz, IE=0
-
21
-
pF
Transition Frequency
fT
VCE=10V, IC=0.1A
4
-
-
MHz
Turn-On Time
ton
IB1
125Ω
B1
I
CC
V
=125V
IB2
IB2
300
µS
I
=I
=0.2A
2%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<
=
-
1.1
-
S
Storage Time
tstg
-
3.0
-
S
Fall Time
tf
-
0.7
-
S
*Note : hFE Classification
R:20
30, O:13
21, Y: 35~40


Similar Part No. - KTC3003HV

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3003HV KEC-KTC3003HV Datasheet
30Kb / 1P
TO-92 PACKAGE
KTC3003HV KEC-KTC3003HV_08 Datasheet
30Kb / 1P
TO-92 PACKAGE
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - KTC3003HV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3306 TOSHIBA-2SC3306 Datasheet
210Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATION)
logo
KEC(Korea Electronics)
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
KTC4526 KEC-KTC4526 Datasheet
82Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
KTC4527F KEC-KTC4527F Datasheet
86Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
MJE13003 KEC-MJE13003 Datasheet
381Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE AND HIGH SPEED SWITCHING)
logo
NEC
2SC3569 NEC-2SC3569 Datasheet
128Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
2SC4942 NEC-2SC4942 Datasheet
115Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SC2335 NEC-2SC2335 Datasheet
114Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SC4942 RENESAS-2SC4942_15 Datasheet
240Kb / 8P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com