Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4344 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 8Page - Cirrus Logic CS4344 Datasheet HTML 9Page - Cirrus Logic CS4344 Datasheet HTML 10Page - Cirrus Logic CS4344 Datasheet HTML 11Page - Cirrus Logic CS4344 Datasheet HTML 12Page - Cirrus Logic CS4344 Datasheet HTML 13Page - Cirrus Logic CS4344 Datasheet HTML 14Page - Cirrus Logic CS4344 Datasheet HTML 15Page - Cirrus Logic CS4344 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
DS613F1
CS4344/5/6/8
4. APPLICATIONS
The CS4344 family accepts data at standard audio sample rates including 48, 44.1 and 32 kHz in SSM, 96, 88.2
and 64 kHz in DSM, and 192, 176.4 and 128 kHz in QSM. Audio data is input via the serial data input pin (SDIN).
The Left/Right Clock (LRCK) determines which channel is currently being input on SDIN, and the optional Serial
Clock (SCLK) clocks audio data into the input data buffer. The CS4344/5/6/8 differ in serial data formats as shown
in Figures 7-10.
4.1
Master Clock
MCLK/LRCK must be an integer ratio as shown in Table 1. The LRCK frequency is equal to Fs, the frequen-
cy at which words for each channel are input to the device. The MCLK-to-LRCK frequency ratio and speed
mode is detected automatically during the initialization sequence by counting the number of MCLK transi-
tions during a single LRCK period and by detecting the absolute speed of MCLK. Internal dividers are set
to generate the proper clocks. Table 1 illustrates several standard audio sample rates and the required
MCLK and LRCK frequencies. Please note there is no required phase relationship, but MCLK, LRCK and
SCLK must be synchronous.
Table 1. Common Clock Frequencies
4.2
Serial Clock
The serial clock controls the shifting of data into the input data buffers. The CS4344 family supports both
external and internal serial clock generation modes. Refer to Figures 7-10 for data formats.
4.2.1
External Serial Clock Mode
The CS4344 family will enter the External Serial Clock Mode when 16 low to high transitions are detected
on the DEM/SCLK pin during any phase of the LRCK period. When this mode is enabled, the Internal Se-
rial Clock Mode and de-emphasis filter cannot be accessed. The CS4344 family will switch to Internal Se-
rial Clock Mode if no low to high transitions are detected on the DEM/SCLK pin for 2 consecutive frames
of LRCK. Refer to Figure 12.
4.2.2
Internal Serial Clock Mode
In the Internal Serial Clock Mode, the serial clock is internally derived and synchronous with MCLK and
LRCK. The SCLK/LRCK frequency ratio is either 32, 48, 64, or 72 depending upon data format. Operation
in this mode is identical to operation with an external serial clock synchronized with LRCK. This mode al-
lows access to the digital de-emphasis function. Refer to Figures 7 - 12 for details.
LRCK
(kHz)
MCLK (MHz)
64x
96x
128x
192x
256x
384x
512x
768x
1024x
1152x
32
-
---
8.1920
12.2880
-
-
32.7680
36.8640
44.1
-
---
11.2896
16.9344
22.5792
33.8680
45.1580
-
48
-
---
12.2880
18.4320
24.5760
36.8640
49.1520
-
64
-
-
8.1920
12.2880
-
-
32.7680
49.1520
-
-
88.2
-
-
11.2896
16.9344
22.5792
33.8680
-
-
-
-
96
-
-
12.2880
18.4320
24.5760
36.8640
-
-
-
-
128
8.1920
12.2880
-
-
32.7680
49.1520
-
-
-
-
176.4
11.2896
16.9344
22.5792
33.8680
-
-
-
-
-
-
192
12.2880
18.4320
24.5760
36.8640
-
-
-
-
-
-
Mode
QSM
DSM
SSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com