Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4344 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 11Page - Cirrus Logic CS4344 Datasheet HTML 12Page - Cirrus Logic CS4344 Datasheet HTML 13Page - Cirrus Logic CS4344 Datasheet HTML 14Page - Cirrus Logic CS4344 Datasheet HTML 15Page - Cirrus Logic CS4344 Datasheet HTML 16Page - Cirrus Logic CS4344 Datasheet HTML 17Page - Cirrus Logic CS4344 Datasheet HTML 18Page - Cirrus Logic CS4344 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DS613F1
15
CS4344/5/6/8
4.3
De-Emphasis
The CS4344 family includes on-chip digital de-emphasis. Figure 11 shows the de-emphasis curve for Fs
equal to 44.1 kHz. The frequency response of the de-emphasis curve will scale proportionally with changes
in sample rate, Fs.
The de-emphasis filter is active (inactive) if the DEM/SCLK pin is low (high) for 5 consecutive falling edges
of LRCK. This function is available only in the internal serial clock mode
.
Figure 11. De-Emphasis Curve (Fs = 44.1kHz)
4.4
Initialization and Power-Down
The Initialization and Power-down sequence flow chart is shown in Figure 12. The CS4344 family enters the
Power-Down State upon initial power-up. The interpolation filters and delta-sigma modulators are reset, and the
internal voltage reference, multi-bit digital-to-analog converters and switched-capacitor low-pass filters are pow-
ered down. The device will remain in the Power-down mode until MCLK and LRCK are present. Once MCLK and
LRCK are detected, MCLK occurrences are counted over one LRCK period to determine the MCLK/LRCK fre-
quency ratio. Power is then applied to the internal voltage reference. Finally, power is applied to the D/A converters
and switched-capacitor filters, and the analog outputs will ramp to the quiescent voltage, VQ.
4.5
Output Transient Control
The CS4344 family uses Popguard™ technology to minimize the effects of output transients during power-
up and power-down. This technique eliminates the audio transients commonly produced by single-ended
single-supply converters when it is implemented with external DC-blocking capacitors connected in series
with the audio outputs. To make best use of this feature, it is necessary to understand its operation.
4.5.1
Power-Up
When the device is initially powered-up, the audio outputs, AOUTL and AOUTR, are clamped to VQ which
is initially low. After MCLK is applied the outputs begin to ramp with VQ towards the nominal quiescent
voltage. This ramp takes approximately 250 ms with a 3.3 µF cap connected to VQ (420 ms with a 10 µF
connected to VQ) to complete. The gradual voltage ramping allows time for the external DC-blocking ca-
pacitors to charge to VQ, effectively blocking the quiescent DC voltage. Once valid LRCK and SDIN are
supplied (and SCLK if used) approximately 2000 sample periods later audio output begins.
4.5.2
Power-Down
To prevent audio transients at power-down the DC-blocking capacitors must fully discharge before turning
off the power. In order to do this MCLK should be stopped for a period of about 250 ms for a 3.3 µF cap
connected to VQ (420 ms for a 10 µF cap connected to VQ) before removing power. During this time volt-
age on VQ and the audio outputs discharge gradually to GND. If power is removed before this time period
has passed a transient will occur when the VA supply drops below that of VQ. There is no minimum time
for a power cycle, power may be re-applied at any time.
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com