Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4349 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4349
Description  192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4349 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4349 Datasheet HTML 9Page - Cirrus Logic CDB4349 Datasheet HTML 10Page - Cirrus Logic CDB4349 Datasheet HTML 11Page - Cirrus Logic CDB4349 Datasheet HTML 12Page - Cirrus Logic CDB4349 Datasheet HTML 13Page - Cirrus Logic CDB4349 Datasheet HTML 14Page - Cirrus Logic CDB4349 Datasheet HTML 15Page - Cirrus Logic CDB4349 Datasheet HTML 16Page - Cirrus Logic CDB4349 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DS782F1
13
CS4349
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE
Inputs: Logic 0 = GND; Logic 1 = VLS; CL =20pF.
Parameters
Symbol
Min
Max
Units
3.14 V
≤ VA ≤ 5.25 V and 1.35 V ≤ VLS ≤ 5.25 V
RMCK Output Frequency (Note )
7.680
55.3
MHz
RMCK Output Duty Cycle
45
55
%
Input Sample Rate
Single-Speed Mode
30
54
Double-Speed Mode
Fs
60
108
kHz
Quad-Speed Mode
120
216
LRCK Duty Cycle (Non-TDM Mode)
40
60
%
SDIN Setup Time Before SCLK Rising Edge
tds
1-
ns
SDIN Hold Time After SCLK Rising Edge
tdh
1-
ns
4.75 V
≤ VA ≤ 5.25 V and 3.14 V ≤ VLS ≤ 5.25 V
SCLK Frequency
-55.3
MHz
SCLK High Time
tsckh
6-
ns
SCLK Low Time
tsckl
6-
ns
Non-TDM Mode (refer to Figure 6)
LRCK Edge to SCLK Rising Edge
tlcks
11
-
ns
SCLK Rising Edge to LRCK Edge
tlckd
1-
ns
TDM Mode (refer to Figure 7)
LRCK High Time
tlrckh
6-
ns
SCLK Rising to LRCK Falling Edge
tfsh
3-
ns
LRCK Rising Edge to SCLK Rising Edge
tfss
1-
ns
3.14 V
≤ VA < 4.75 V or 1.35 V ≤ VLS < 3.14 V
SCLK Frequency
-27.7
MHz
SCLK High Time
tsckh
11
-
ns
SCLK Low Time
tsckl
11
-
ns
Non-TDM Mode (refer to Figure 6)
LRCK Edge to SCLK Rising Edge
tlcks
16
-
ns
SCLK Rising Edge to LRCK Edge
tlckd
1-
ns
TDM Mode (refer to Figure 7)
LRCK High Time
tlrckh
25
-
ns
SCLK Rising to LRCK Falling Edge
tfsh
8-
ns
LRCK Rising Edge to SCLK Rising Edge
tfss
1-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com