Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4349 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CDB4349
Description  192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4349 Datasheet(HTML) 2 Page - Cirrus Logic

  CDB4349 Datasheet HTML 1Page - Cirrus Logic CDB4349 Datasheet HTML 2Page - Cirrus Logic CDB4349 Datasheet HTML 3Page - Cirrus Logic CDB4349 Datasheet HTML 4Page - Cirrus Logic CDB4349 Datasheet HTML 5Page - Cirrus Logic CDB4349 Datasheet HTML 6Page - Cirrus Logic CDB4349 Datasheet HTML 7Page - Cirrus Logic CDB4349 Datasheet HTML 8Page - Cirrus Logic CDB4349 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
DS782F1
CS4349
Description
The CS4349 is a complete stereo digital-to-analog system including digital interpolation, 5th-order multi-bit delta-
sigma digital-to-analog conversion, digital de-emphasis, volume control, channel mixing, and analog filtering. The
advantages of this architecture include ideal linearity, no distortion mechanisms due to resistor matching errors, no
linearity drift over time and temperature, tolerance to clock jitter, and a minimal set of external components.
The CS4349 supports all standard digital audio interface formats, including TDM.
The CS4349 is available in a 24-pin TSSOP package in both Commercial (-40° to +85°C) and Automotive grades
(-40° to +105°C). The CDB4349 Customer Demonstration board is also available for device evaluation and imple-
mentation suggestions. Please refer to “Ordering Information” on page 40 for complete ordering information.
These features are ideal for cost-sensitive, two-channel audio systems, including DVD players and recorders, set-
top boxes, digital TVs, mini-component systems, musical instruments and automotive audio systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com